Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • LSMT2-42051-R

  • AI
    The **LSMT2-42051-R** is an ultra-miniature, surface-mount (SMT) magnetic transducer (buzzer) commonly used in small consumer electronics where space is at a premium and high-quality sound notification is required. --- ### 1. General Specifications The following table summarizes the key electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Type** | Magnetic Transducer (External Drive) | | **Rated Voltage** | 3.0 Vp-p | | **Operating Voltage** | 2.0 ~ 4.0 Vp-p | | **Rated Current** | Max 100 mA | | **Sound Pressure Level (SPL)** | Min 75 dB (at 10cm) | | **Resonant Frequency** | 4,000 Hz | | **Coil Resistance** | 12 ± 3 Ω | | **Operating Temperature** | -30°C to +70°C | | **Dimensions** | 4.0 x 4.0 x 2.0 mm | --- ### 2. Internal Components & Working Principle Unlike a "piezo" buzzer which uses ceramic crystals, the LSMT2-42051-R is a **magnetic** buzzer. Its electronic structure consists of: 1. **Voice Coil:** A small copper coil that receives the electrical signal. 2. **Permanent Magnet:** Provides a static magnetic field. 3. **Vibrating Diaphragm:** A metal disk (usually iron-based) that reacts to the magnetic field. 4. **Housing:** A heat-resistant LCP (Liquid Crystal Polymer) plastic case designed for SMT reflow soldering. **How it works:** When an oscillating electrical signal (PWM) is sent through the coil, it creates a fluctuating magnetic field. This field interacts with the permanent magnet to move the diaphragm up and down, displacing air and creating sound waves at the frequency of the input signal. --- ### 3. Circuit Implementation The LSMT2-42051-R is an **externally driven** transducer. This means it does not have an internal oscillator; you must provide a square wave (usually via a microcontroller PWM pin) to produce sound. #### Basic Driving Circuit Because the rated current is 100mA, you cannot drive it directly from a standard GPIO pin. A transistor switching circuit is required. ```cpp // Example: Arduino Tone Generation void setup() { // Pin 9 connected to the base of a NPN transistor tone(9, 4000); // Generate 4000Hz (Resonant Frequency) } void loop() { // Sound logic here } ``` #### Typical Schematic Layout * **VCC:** Connected to 3V. * **Diode:** A flyback diode (e.g., 1N4148) should be placed in parallel with the buzzer to protect the circuit from voltage spikes. * **Transistor:** A small NPN transistor (like the MMBT3904) is used to switch the buzzer to ground. --- ### 4. Key Advantages * **Small Footprint:** At only 4x4mm, it is ideal for wearables, medical devices, and IoT sensors. * **Side-Opening Sound:** Designed to emit sound horizontally, allowing for slim product profiles. * **Reflow Soldering:** Rated for high-temperature lead-free soldering processes.
    ✨ Follow-up Questions
    • ⤷ What is the difference between this magnetic transducer and a piezo buzzer?
    • ⤷ How do I calculate the power consumption for this part?
    • ⤷ Can this component play polyphonic melodies or only single tones?