Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • LTC1663IMS8

  • AI
    ## Overview of the LTC1663IMS8 The **LTC1663IMS8** is a high-performance, 10-bit digital-to-analog converter (DAC) manufactured by Analog Devices (formerly Linear Technology). It is specifically designed for low-power applications and operates over a 2-wire SMBus/I²C compatible interface. ### Key Specifications | Feature | Specification | | :--- | :--- | | **Resolution** | 10-Bit | | **Interface** | 2-Wire (I²C / SMBus Compatible) | | **Supply Voltage Range** | 2.7V to 5.5V | | **Supply Current** | 60µA (Typ) | | **Sleep Mode Current** | 10µA (Max) | | **Package Type** | MSOP-8 (8-Lead Plastic MSOP) | | **Output Type** | Rail-to-Rail Voltage Output | --- ### Internal Functional Parts The LTC1663 consists of several critical internal blocks that allow it to convert digital data into a precise analog voltage: 1. **I²C Interface Logic:** Handles the communication protocol, addressing, and data acknowledgment (ACK). It supports standard, fast, and high-speed modes. 2. **Input Register:** Temporarily holds the 10-bit digital value received from the serial bus before it is latched into the DAC. 3. **Resistor String (DAC Core):** A proprietary architecture that ensures inherent monotonicity (the output always increases or stays the same as the input increases). 4. **Output Buffer:** A rail-to-rail amplifier that drives the output pin ($V_{OUT}$). It can drive capacitive loads and ensures the output can swing very close to the supply rails. 5. **Internal Reference:** Includes an internal bandgap reference (typically 1.25V), though it can also be used with the supply voltage as a reference depending on the configuration. --- ### Pin Configuration (MSOP-8) | Pin No. | Name | Function | | :--- | :--- | :--- | | 1 | $V_{CC}$ | Positive Supply Voltage (2.7V to 5.5V) | | 2 | AD0 | I²C Address Select Bit 0 | | 3 | AD1 | I²C Address Select Bit 1 | | 4 | SCL | Serial Clock Input | | 5 | SDA | Serial Data Input/Output | | 6 | REF | Reference Voltage Input/Output | | 7 | GND | Ground | | 8 | $V_{OUT}$ | DAC Analog Voltage Output | --- ### Implementation Example To communicate with the LTC1663, a microcontroller sends a specific address byte followed by two data bytes. Below is a conceptual representation of the data frame: ```cpp // Example: Sending a value to the LTC1663 via I2C void writeLTC1663(uint16_t digitalValue) { Wire.beginTransmission(LTC1663_ADDR); // Start with Device Address Wire.write(0x00); // Command Byte (Write to DAC) // Split 10-bit value into two bytes Wire.write((digitalValue >> 2) & 0xFF); // MSB (Most Significant bits) Wire.write((digitalValue << 6) & 0xC0); // LSB (Least Significant bits) Wire.endTransmission(); } ``` --- ### Applications * **Industrial Process Control:** Adjusting sensor offsets or gain. * **Battery-Powered Instruments:** Due to the ultra-low power and sleep mode. * **Digital Calibration:** Replacing mechanical potentiometers. * **PC Peripherals:** Voltage adjustment in portable electronics.
    ✨ Follow-up Questions
    • ⤷How do the AD0 and AD1 pins determine the I2C address?
    • ⤷ What is the difference between the LTC1663 and LTC1663-8 version?
    • ⤷ Can this DAC be used with an external reference voltage higher than VCC?