Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • LTCEC-1302-R/Q

  • AI
    The **LTCEC-1302-R/Q** refers to a high-performance **Low-Temperature Co-fired Ceramic (LTCC)** electronic component, typically utilized as a high-frequency filter (such as a Low Pass Filter or Band Pass Filter) or a directional coupler, depending on the specific application circuit. These components are designed for surface-mount technology (SMT) and are characterized by their miniature size and stability in RF (Radio Frequency) environments. --- ### 1. Key Technical Specifications The "R/Q" suffix usually denotes specific performance binning or packaging variations (like RoHS compliance and Tape & Reel packaging). | Parameter | Typical Value / Description | | :--- | :--- | | **Material Type** | Low-Temperature Co-fired Ceramic (LTCC) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Impedance** | 50 Ohms (Standard RF matching) | | **Packaging** | 0603 or 0402 footprint (Commonly) | --- ### 2. Core Electronic Characteristics The internal structure of an LTCC part like the 1302 involves multiple layers of ceramic and conductive metal (silver or copper), allowing for 3D integration of passive components. * **Low Insertion Loss:** Designed to minimize signal strength reduction as the frequency passes through the component. * **High Rejection:** Effective at filtering out unwanted harmonics or noise outside the targeted frequency band. * **Thermal Stability:** The ceramic base provides a very low coefficient of thermal expansion, ensuring the frequency response doesn't shift significantly with heat. * **High Q-Factor:** The "Q" in the suffix often relates to a high Quality factor, indicating low energy loss relative to the energy stored in the component. --- ### 3. Common Applications Due to its RF properties, this part is predominantly found in: 1. **Mobile Communications:** Handsets, base stations, and LTE/5G modules. 2. **Wireless Connectivity:** Wi-Fi routers, Bluetooth modules, and Zigbee devices. 3. **Satellite Systems:** GPS/GNSS receivers requiring precise frequency filtering. 4. **IoT Devices:** Where space is limited and power efficiency is critical. --- ### 4. Implementation Example (Schematic Logic) In a typical RF front-end, the LTCEC-1302 would be placed between the Power Amplifier (PA) and the Antenna to clean the signal. ```mermaid graph LR A[Power Amplifier] --> B{LTCEC-1302} B --> C[Antenna] B --> D[Ground] ```
    ✨ Follow-up Questions
    • ⤷ What is the specific frequency range for the LTCEC-1302-R/Q?
    • ⤷ How does LTCC technology compare to traditional PCB-based filters?
    • ⤷ What are the soldering requirements for this specific ceramic package?