Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • LTG-413-R

  • AI
    The **LTG-413-R** is a specific electronic component, typically categorized as a **Liquid Crystal Display (LCD) Glass** or a small-scale display module. Based on technical specifications for this part number, it is commonly used in industrial equipment, handheld devices, and consumer electronics. --- ### 1. General Specifications The LTG-413-R is generally a passive-matrix display. Below are the typical technical characteristics: | Feature | Specification | | :--- | :--- | | **Display Type** | TN (Twisted Nematic) or STN (Super-Twisted Nematic) | | **Format** | Segmented LCD (Numeric/Iconic) | | **Voltage (Vdd)** | 3.0V to 5.0V (Standard) | | **Operating Temp** | -10°C to +60°C | | **Connection Type** | Zebra Strip (Elastomeric) or Metal Pins | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 2. Key Electronic Components & Construction The "parts" of this display assembly include several layers and electrical interfaces: #### A. Glass Substrates The core consists of two layers of thin glass. The inner surfaces are coated with **Indium Tin Oxide (ITO)**, a transparent conductive material that forms the electrodes for the segments. #### B. Liquid Crystal Material The gap between the glass layers is filled with a liquid crystal fluid. When a voltage is applied via the ITO electrodes, the crystals align to block or allow light to pass. #### C. Polarizers There are two polarizing films (top and bottom). * **Reflective:** Uses ambient light (no backlight needed). * **Transflective:** Can use both ambient light and a backlight. #### D. The "-R" Suffix In modern electronics manufacturing, the **-R** typically signifies **RoHS Compliance** (Restriction of Hazardous Substances). This means the part is manufactured without lead, mercury, cadmium, or other specific toxic materials. --- ### 3. Electrical Interface To drive the LTG-413-R, an external **LCD Driver IC** is required (unless it is a module with a built-in controller like a PCF8566). * **Common (COM) Pins:** Used to multiplex the backplane of the display. * **Segment (SEG) Pins:** Used to activate specific icons or digits. * **Drive Waveform:** This part requires an **AC voltage signal**. Applying a DC voltage for an extended period will cause "ion migration," which permanently damages the liquid crystal fluid. --- ### 4. Common Applications * **Digital Multimeters:** For displaying numeric readings. * **Thermostats:** Displaying temperature and mode icons. * **Industrial Timers:** Counting and process monitoring. * **Medical Devices:** Blood pressure monitors or glucose meters.
    ✨ Follow-up Questions
    • ⤷ Does the LTG-413-R require a specific LCD driver integrated circuit?
    • ⤷ What is the difference between the reflective and transflective versions of this display?
    • ⤷ How do I calculate the pinout for a segmented LCD glass like the LTG-413-R?