Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M24512-R_12

  • AI
    The **M24512-R** is a high-performance 512-Kbit (64 Kbytes) serial EEPROM (Electrically Erasable Programmable Memory) manufactured by STMicroelectronics. It is widely used for data storage in low-power and space-constrained applications. ### 1. Key Technical Specifications The "R" suffix in the part number specifically denotes the **low-voltage operating range** (1.8V to 5.5V). | Feature | Specification | | :--- | :--- | | **Memory Size** | 512 Kbit (64,536 x 8 bits) | | **Interface** | I²C (Inter-Integrated Circuit) | | **Clock Frequency** | 1 MHz (Fast-mode Plus), 400 kHz, or 100 kHz | | **Operating Voltage (Vcc)** | 1.8V to 5.5V | | **Write Cycle Time** | 5 ms (Max) | | **Endurance** | 4 Million Write Cycles | | **Data Retention** | 200 Years | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Architecture The device is organized as 512 blocks of 128 bytes each. It utilizes the I²C protocol, requiring only two signals: **Serial Data (SDA)** and **Serial Clock (SCL)**. #### Pin Configuration (Standard 8-pin Layout) 1. **E0, E1, E2:** Chip Enable inputs. These allow up to 8 M24512 devices to share the same I²C bus. 2. **SDA:** Bidirectional data line (Open-drain). 3. **SCL:** Clock input. 4. **WC (Write Control):** Hardware write protection. If connected to VCC, the entire memory is write-protected. If connected to GND, write operations are allowed. 5. **VCC / VSS:** Power supply and Ground. --- ### 3. Key Operating Modes #### A. Read Operations The device supports three read modes: * **Current Address Read:** Reads from the internal address counter. * **Random Address Read:** Allows reading from a specific memory location. * **Sequential Read:** Reads continuous data blocks without sending new addresses. #### B. Write Operations * **Byte Write:** Writes a single byte to a specific address. * **Page Write:** Allows writing up to **128 bytes** in a single instruction, significantly improving throughput for large data sets. --- ### 4. Implementation Example (Microcontroller Hookup) To interface the M24512-R with a microcontroller (like an Arduino or STM32), pull-up resistors (typically 4.7kΩ) are required on the SDA and SCL lines. ```cpp // Example: Basic I2C Address Structure #define M24512_ADDR 0x50 // Base address (depends on E0, E1, E2 pins) // To write a byte: // [Start] -> [0xA0 (Write Addr)] -> [MSB Addr] -> [LSB Addr] -> [Data] -> [Stop] ``` --- ### 5. Common Applications * **Consumer Electronics:** Storing user settings in TVs or smart home devices. * **Medical Devices:** Logging patient data or calibration parameters. * **Industrial:** Storing configuration logs and firmware metadata. * **Telecom:** Parameter storage in optical modules (SFP/QSFP).
    ✨ Follow-up Questions
    • ⤷ What is the difference between the M24512-R and the M24512-W variant?
    • ⤷ How does the 'Write Control' (WC) pin behave if left floating?
    • ⤷ What are the typical pull-up resistor values for a 1MHz I2C bus speed?