Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M24C08-RCT5TP/S

  • AI
    ## M24C08-RCT5TP/S Technical Overview The **M24C08-RCT5TP/S** is a specific variant of the M24C08 family of serial I²C EEPROM (Electrically Erasable Programmable Read-Only Memory) devices manufactured by **STMicroelectronics**. It is designed for low-power, non-volatile storage applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Size** | 8 Kbit (1024 bytes) | | **Organization** | 4 blocks of 256 bytes (8-bit words) | | **Interface** | I²C (Two-Wire Serial) | | **Clock Frequency** | 400 kHz (Fast Mode) / 100 kHz (Standard) | | **Operating Voltage** | 1.8V to 5.5V | | **Package Type** | SOT23-5 (5-lead Small Outline Transistor) | | **Write Cycles** | Up to 4 Million cycles | | **Data Retention** | 200 Years | --- ### 2. Functional Components * **Memory Array:** The 8 Kbit space is partitioned into four pages of 256 bytes each. To access these pages, the device uses a specific device select code within the I²C addressing scheme. * **I²C Control Logic:** This logic handles the Start/Stop conditions, device addressing, and data acknowledgment (ACK/NACK). * **Write Protection (WP):** Depending on the pinout configuration of the SOT23-5 package, this device may feature a Write Control (WC) pin to hardware-protect the entire memory from write operations. * **Page Write Buffer:** Allows writing up to 16 bytes in a single write cycle, significantly improving throughput for large data sets. --- ### 3. Pin Configuration (SOT23-5) Since this specific part suffix (`T5`) refers to the 5-pin SOT23 package, the pinout is typically arranged as follows: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | SCL | Serial Clock Line | | 2 | VSS | Ground | | 3 | SDA | Serial Data Line | | 4 | VCC | Supply Voltage | | 5 | WC | Write Control (Active High) | --- ### 4. Part Number Breakdown The suffix **RCT5TP/S** provides specific information about the manufacturing and packaging: * **M24C08:** Device family (8 Kbit I²C EEPROM). * **-R:** Operating voltage range (1.8V to 5.5V). * **T5:** SOT23-5 package. * **TP:** Tape and Reel packaging. * **S:** Generally denotes a high-reliability or "Automotive Grade" / "Process refined" version, often indicating the part is compliant with specific chemical or reliability standards (like AEC-Q100 if specified in the datasheet). --- ### 5. Common Applications * **Parameter Storage:** Storing calibration data or user settings in consumer electronics. * **Device Identification:** Storing MAC addresses or serial numbers. * **Consumer Goods:** Smart appliances, medical handhelds, and IoT sensors due to the small SOT23 footprint.
    ✨ Follow-up Questions
    • ⤷ How does the addressing for the 4 internal memory blocks work in an I2C command?
    • ⤷ What is the specific behavior of the WC (Write Control) pin if left floating?
    • ⤷ Is the M24C08-RCT5TP/S compatible with 1.8V logic levels?