Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M24C32-RMB3P

  • AI
    ## Technical Overview of M24C32-RMB3P The **M24C32-RMB3P** is a specific variant of the M24C32 series, which is a 32-Kbit serial I²C (Inter-Integrated Circuit) Electrically Erasable Programmable Read-Only Memory (EEPROM). It is manufactured by **STMicroelectronics**. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Size** | 32 Kbit (4,096 x 8 bits) | | **Interface** | I²C (Two-wire Serial Interface) | | **Operating Voltage ($V_{CC}$)** | 1.8V to 5.5V | | **Clock Frequency** | 400 kHz (Fast Mode) or 1 MHz (Fast Mode Plus) | | **Write Cycle Time** | 5 ms (Maximum) | | **Endurance** | 4 million Write cycles | | **Data Retention** | 200 years | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Part Number Breakdown: `M24C32-RMB3P` Understanding the suffix is critical for identifying the physical and electrical characteristics of this specific chip: * **M24**: Standard I²C EEPROM family. * **C32**: Density (32 Kbit). * **-R**: Range for Supply Voltage (1.8V to 5.5V). * **MB**: Package type, specifically **UFDFPN8** (Ultra-thin Fine pitch Dual Flat No-lead, 2x3 mm). * **3**: Device Grade (Automotive grade or high temperature range -40°C to +125°C). * **P**: EcoPack2 (RoHS compliant/Lead-free). --- ### 3. Pin Configuration (UFDFPN8) | Pin Name | Function | Description | | :--- | :--- | :--- | | **E2, E1, E0** | Chip Enable | Used to set the hardware address of the device. | | **SDA** | Serial Data | Bi-directional pin used to transfer data in and out. | | **SCL** | Serial Clock | Provides the clock signal for data synchronization. | | **WC** | Write Control | Hardware write protection pin. | | **$V_{CC}$** | Power Supply | 1.8V to 5.5V. | | **$V_{SS}$** | Ground | Reference potential. | --- ### 4. Core Features 1. **Byte and Page Write:** Supports writing a single byte or a full page of up to 32 bytes at once. 2. **Random and Sequential Read:** Allows reading from any memory location or streaming data consecutively. 3. **Hardware Write Protection:** When the Write Control (WC) pin is driven High, the entire memory contents are protected against write instructions. 4. **Low Power Consumption:** Optimized for battery-powered devices with low active and standby currents. --- ### 5. Implementation Example (Pseudo-code) To interact with the M24C32 using an Arduino or similar microcontroller, you would typically use the `Wire` library: ```cpp #include #define EEPROM_ADDR 0x50 // Base I2C address void writeEEPROM(uint16_t address, uint8_t data) { Wire.beginTransmission(EEPROM_ADDR); Wire.write((int)(address >> 8)); // MSB of address Wire.write((int)(address & 0xFF)); // LSB of address Wire.write(data); Wire.endTransmission(); delay(5); // Wait for internal write cycle } ``` ---
    ✨ Follow-up Questions
    • ⤷What are the differences between M24C32-R and M24C32-F variants?
    • ⤷ How do I calculate the I2C address using E0
    • ⤷ E1
    • ⤷ and E2 pins?
    • ⤷ What are the common use cases for 32Kbit EEPROMs in automotive electronics?