Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M24C32-RMB3T

  • AI
    ## M24C32-RMB3TG: Technical Overview The **M24C32-RMB3TG** is a high-performance, low-voltage **32-Kbit serial I²C EEPROM** (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. It is designed for applications requiring non-volatile storage in a compact form factor. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 32 Kbit (4,096 bytes x 8 bits) | | **Interface** | I²C (Inter-Integrated Circuit) | | **Clock Frequency** | 1 MHz (Fast-mode Plus), 400 kHz, 100 kHz | | **Supply Voltage (Vcc)** | 1.8V to 5.5V | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) | | **Write Cycles** | More than 4 million cycles | | **Data Retention** | Over 200 years | --- ### 2. Functional Characteristics The device operates as a slave in the I²C protocol and includes several internal mechanisms for data integrity and efficiency: * **Byte and Page Write:** Supports writing a single byte or a full page (32 bytes) in a single write cycle (typically < 5ms). * **Write Control (WC):** A hardware pin that allows the user to write-protect the entire memory array when connected to Vcc. * **Schmitt Triggers:** Inputs are filtered to suppress noise on the SCL and SDA lines. * **Enhanced Reliability:** Includes an internal Error Correction Code (ECC) logic to enhance data reliability and endurance. --- ### 3. Pin Configuration (UFDFPN8) | Pin Name | Description | Function | | :--- | :--- | :--- | | **E0, E1, E2** | Chip Enable | Used to define the device's I²C address (allows up to 8 devices on the same bus). | | **SDA** | Serial Data | Bi-directional pin used to transfer data in and out. | | **SCL** | Serial Clock | Provides the clock signal for data synchronization. | | **WC** | Write Control | Hardware protection; if High, the memory is write-protected. | | **Vcc / Vss** | Power / Ground | Supply voltage and reference ground. | --- ### 4. Part Number Breakdown The suffix **-RMB3TG** provides specific manufacturing details: * **R**: Supply voltage range of 1.8V to 5.5V. * **MB**: UFDFPN8 package (2x3 mm). * **3**: Range 3 temperature profile (-40 to +125°C). * **T**: Tape and Reel packaging. * **G**: ECOPACK2 (RoHS compliant/Green). --- ### 5. Common Applications * **Consumer Electronics:** Storing calibration data or user preferences in smartphones and wearables. * **Industrial:** Parameter storage in sensors and controllers. * **Medical:** Traceability and configuration data for portable medical devices.
    ✨ Follow-up Questions
    • ⤷ How does the Error Correction Code (ECC) work in this specific EEPROM?
    • ⤷ What is the maximum current consumption during a write cycle?
    • ⤷ Can you provide a sample C code for interfacing this chip with an Arduino?