Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M24C32-RMB3TGA

  • AI
    ## Electronic Overview of M24C32-RMB3TG/A The **M24C32-RMB3TG/A** is a specific variant of the M24C32 series manufactured by STMicroelectronics. It is a **32-Kbit (4096 x 8-bit) Serial I²C Bus EEPROM** (Electrically Erasable Programmable Read-Only Memory). This particular part number indicates a high-reliability version, often used in automotive or industrial applications where space and power efficiency are critical. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Size** | 32 Kbit (4,000 bits / 4 KB) | | **Interface** | I²C (Inter-Integrated Circuit) | | **Clock Frequency** | 400 kHz (Standard/Fast Mode) | | **Supply Voltage (Vcc)** | 1.8V to 5.5V | | **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) | | **Operating Temperature** | -40°C to +125°C (Automotive Grade 1) | | **Write Cycles** | 4 million cycles (at 25°C) | | **Data Retention** | 200 Years | --- ### 2. Functional Features * **Byte and Page Write:** Supports writing a single byte or a full page of up to **32 bytes**. The internal write cycle is self-timed (typically 5ms). * **Hardware Write Protection:** The device features a **Write Control (WC)** pin. When pulled High, the entire memory contents become protected (read-only). * **Low Power Consumption:** * Active Read Current: < 2 mA * Standby Current: < 1 µA (at 1.8V) * **Device Addressing:** The I²C address includes three chip-enable bits (E2, E1, E0), allowing up to 8 similar devices to be connected to the same bus. --- ### 3. Part Number Breakdown: `M24C32-RMB3TG/A` Understanding the suffix is crucial for identifying the physical and electrical characteristics: | Code Segment | Meaning | | :--- | :--- | | **M24** | I²C Serial Access EEPROM | | **C32** | 32 Kbit capacity | | **-R** | Supply Voltage: 1.8V to 5.5V | | **MB** | Package: UFDFPN8 (2 x 3 mm) | | **3** | Temperature Grade: -40 to +125°C | | **TG** | Packing: Tape and Reel | | **A** | Process Technology: High Reliability / Automotive Grade | --- ### 4. Typical Application Circuit In a standard design, the M24C32 requires pull-up resistors on the SDA (Data) and SCL (Clock) lines. ```cpp // Example: I2C Pin Connections // VCC -> 1.8V - 5.5V // GND -> Ground // SDA -> Microcontroller SDA (with 4.7k Pull-up) // SCL -> Microcontroller SCL (with 4.7k Pull-up) // WC -> GND (to enable writing) // E0, E1, E2 -> GND (Sets I2C Address to 0x50) ```
    ✨ Follow-up Questions
    • ⤷ What are the differences between the 'R' and 'W' voltage variants in the M24C32 series?
    • ⤷ How does the Write Control (WC) pin behave if left floating?
    • ⤷ Can this EEPROM be used in high-vibration automotive environments?