Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M24C32-RMB3TGP

  • AI
    # Technical Overview: M24C32-RMB3TG/P The **M24C32-RMB3TG/P** is a 32-Kbit serial I²C (Inter-Integrated Circuit) EEPROM (Electrically Erasable Programmable Memory) manufactured by **STMicroelectronics**. It is designed for low-voltage, low-power applications. --- ## 1. Key Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 32 Kbit (4,096 bytes x 8 bits) | | **Interface** | I²C Serial (2-wire) | | **Operating Voltage** | 1.8V to 5.5V | | **Clock Frequency** | 400 kHz (Fast-mode) / 1 MHz (Fast-mode Plus) | | **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) | | **Endurance** | 4 million write cycles | | **Data Retention** | 200 years | | **Operating Temp** | -40°C to +85°C | --- ## 2. Functional Electronic Features ### A. I²C Interface Protocol The device operates as a **Slave** on the I²C bus. It requires a serial data line (**SDA**) and a serial clock line (**SCL**). It supports multi-master environments and allows up to 8 devices to be connected to the same bus by configuring hardware address pins. ### B. Write Protection (WP) This part includes a hardware **Write Control (WC)** pin. * If **WC** is connected to $V_{CC}$, the entire memory contents are protected (read-only). * If **WC** is connected to $V_{SS}$ (Ground), the memory can be written to. ### C. Page Write Mode The device supports a **32-byte page write** buffer. This allows up to 32 bytes of data to be written in a single write cycle, significantly improving throughput compared to byte-by-byte writing. ### D. Power Management * **Low Supply Current:** Typically less than 1 µA in standby mode. * **Internal Write Cycle:** The device manages the high-voltage timing required to erase and write cells internally, usually completing a write operation in less than 5ms. --- ## 3. Pin Configuration (UFDFPN8) | Pin Number | Name | Description | | :--- | :--- | :--- | | 1, 2, 3 | E0, E1, E2 | Chip Enable (Address inputs) | | 4 | $V_{SS}$ | Ground | | 5 | SDA | Serial Data | | 6 | SCL | Serial Clock | | 7 | WC | Write Control | | 8 | $V_{CC}$ | Supply Voltage | --- ## 4. Typical Application Circuit When integrating this part into a circuit, pull-up resistors are required on the SDA and SCL lines because they are open-drain outputs. ```c // Pseudo-code for initializing a read from address 0x00 void read_eeprom() { I2C_Start(); I2C_Send_Address(0xA0); // Device Address + Write bit I2C_Send_Byte(0x00); // High Address Byte I2C_Send_Byte(0x00); // Low Address Byte I2C_Restart(); I2C_Send_Address(0xA1); // Device Address + Read bit Data = I2C_Read_Byte(); I2C_Stop(); } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'RMB3TG/P' suffix in the part number?
    • ⤷ How do you calculate the pull-up resistor values for the SDA and SCL lines?
    • ⤷ Can this EEPROM be used with a 3.3V microcontroller?