Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M24C32-RMB3TPP

  • AI
    The **M24C32-RMB3TPP** is a specific variant of the M24C32 family, which is a 32-Kbit serial I2C EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by **STMicroelectronics**. Below is a breakdown of its technical specifications and features. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Size** | 32 Kbit (4,096 x 8 bits) | | **Interface** | I2C (Serial 2-Wire) | | **Clock Frequency** | Up to 1 MHz (Fast-Mode Plus) | | **Operating Voltage** | 1.8V to 5.5V | | **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) | | **Write Cycle Time** | 5 ms (Max) | | **Data Retention** | 40 Years (Minimum) | | **Endurance** | 4 Million Write Cycles | --- ### 2. Part Number Breakdown (Suffix Deciphering) To understand the specific "RMB3TPP" suffix, we look at the ST nomenclature: * **M24C32**: Base Part Number (I2C EEPROM, 32Kb). * **-R**: Indicates the device operates in the **1.8V to 5.5V** range. * **MB**: Refers to the **UFDFPN8** (MLP8) package (2x3 mm size). * **3**: Indicates the device is **Grade 3** (Temperature range: -40°C to +125°C). * **TP**: Indicates **Tape and Reel** packing. * **P**: Indicates **High Reliability** or RoHS compliant/Green process. --- ### 3. Core Features #### A. I2C Interface Details The device acts as a slave on the I2C bus. It utilizes a 2-wire protocol consisting of: * **SCL (Serial Clock):** Used to synchronize data transfers. * **SDA (Serial Data):** Bi-directional line for address and data. #### B. Write Protection The chip includes a **Write Control (WC)** pin. * If connected to $V_{CC}$, the entire memory is write-protected. * If connected to $V_{SS}$ (Ground), the memory is enabled for write operations. #### C. Page Write Buffer It features a **32-byte page write buffer**, allowing up to 32 bytes to be written in a single instruction cycle, which significantly improves write efficiency compared to byte-by-byte writing. --- ### 4. Typical Application Circuit In a standard microcontroller environment, the connection would look like this: ```cpp // Logic Representation VCC ---- [10k Pull-up] ---- SDA Line VCC ---- [10k Pull-up] ---- SCL Line [MCU] (Master) [M24C32] (Slave) SDA <----------------------> SDA SCL -----------------------> SCL GND -----------------------> WC (to enable writing) ```
    ✨ Follow-up Questions
    • ⤷ What are the differences between M24C32 and M24C64 in terms of addressing?
    • ⤷ How does the 'Grade 3' temperature rating affect its use in automotive applications?
    • ⤷ What is the physical footprint size of the UFDFPN8 package?