Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M24C32-RMB5TPP

  • AI
    ## M24C32-RMB5TG: Electronic Specifications and Overview The **M24C32-RMB5TG** is a 32-Kbit serial I²C bus EEPROM (Electrically Erasable Programmable Memory) manufactured by STMicroelectronics. It is designed for low-power and low-voltage applications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 32 Kbits (4096 x 8 bits) | | **Interface** | I²C (Serial 2-Wire) | | **Operating Voltage (Vcc)** | 1.8V to 5.5V | | **Clock Frequency** | 400 kHz (Fast Mode) or 1 MHz (Fast Mode Plus) | | **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) | | **Operating Temperature** | -40°C to +85°C | | **Write Cycles** | 4 million cycles (at 25°C) | | **Data Retention** | 200 years | --- ### 2. Pin Configuration (UFDFPN8) The device typically utilizes a small 8-pin footprint. Below is the functional description of the pins: | Pin Name | Function | Description | | :--- | :--- | :--- | | **E0, E1, E2** | Chip Enable | Used to define the device address on the I²C bus. | | **SDA** | Serial Data | Bi-directional pin used to transfer data in and out. | | **SCL** | Serial Clock | Provides the clock signal for data synchronization. | | **WC** | Write Control | Hardware write protection pin. | | **Vcc** | Power Supply | 1.8V to 5.5V input. | | **Vss** | Ground | Reference ground. | --- ### 3. Core Features * **Byte and Page Write:** Supports writing a single byte or a full page (32 bytes) in a single write cycle. * **Write Protection:** When the `WC` pin is held High, the entire memory becomes read-only, protecting data from accidental overwrites. * **Random and Sequential Read:** Data can be accessed from a specific address or streamed sequentially. * **Low Power Consumption:** * Active Read Current: < 2 mA * Standby Current: < 1 µA (at 1.8V) --- ### 4. Part Number Breakdown: `M24C32-RMB5TG` * **M24**: I²C family of EEPROMs. * **C32**: 32 Kbit density. * **-R**: Range of operating voltage (1.8V to 5.5V). * **MB**: UFDFPN8 package (MLP). * **5**: Device grade (Industrial temperature range -40 to 85°C). * **TG**: Tape and Reel packing. --- ### 5. Application Code Example (Arduino/C++) To interface with this part using the standard `Wire.h` library: ```cpp #include #define EEPROM_ADDR 0x50 // Standard base address for M24C32 void writeEEPROM(int address, byte val) { Wire.beginTransmission(EEPROM_ADDR); Wire.write((int)(address >> 8)); // MSB Wire.write((int)(address & 0xFF)); // LSB Wire.write(val); Wire.endTransmission(); delay(5); // Write cycle time } byte readEEPROM(int address) { byte rData = 0xFF; Wire.beginTransmission(EEPROM_ADDR); Wire.write((int)(address >> 8)); Wire.write((int)(address & 0xFF)); Wire.endTransmission(); Wire.requestFrom(EEPROM_ADDR, 1); if (Wire.available()) rData = Wire.read(); return rData; } ```
    ✨ Follow-up Questions
    • ⤷ How does the Write Control (WC) pin behave if left floating?
    • ⤷ What is the maximum number of M24C32 devices that can be connected to a single I2C bus?
    • ⤷ What are the specific soldering requirements for the UFDFPN8 package?