Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M24C32-RMB6T

  • AI
    The **M24C32-RMB6T** is a specific variant of the 32-Kbit serial I2C Bus EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by **STMicroelectronics**. --- ## 1. Technical Specifications The following table outlines the core electronic parameters for this component: | Parameter | Specification | | :--- | :--- | | **Memory Size** | 32 Kbit (4,096 bytes x 8 bits) | | **Interface** | I2C (Two-Wire) | | **Supply Voltage ($V_{CC}$)** | 1.8V to 5.5V | | **Clock Frequency** | 400 kHz (Fast Mode) or 1 MHz (Fast Mode Plus) | | **Operating Temperature** | -40°C to +85°C | | **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) | | **Write Cycles** | 4 million cycles (at 25°C) | | **Data Retention** | 200 Years | --- ## 2. Pin Configuration & Functionality The "RMB6T" suffix specifically identifies the **UFDFPN8 (MLP8)** package, which is a tiny, surface-mount footprint. 1. **E0, E1, E2 (Address Inputs):** Used to define the device's hardware address. This allows up to 8 M24C32 devices to be connected to the same I2C bus. 2. **SDA (Serial Data):** The bidirectional pin used to transfer data in and out of the device. 3. **SCL (Serial Clock):** The input signal used to synchronize all data transfers. 4. **WC (Write Control):** A hardware protection pin. * If tied to $V_{CC}$, the memory is write-protected. * If tied to $V_{SS}$ (Ground), the memory is writable. 5. **$V_{CC}$ / $V_{SS}$:** Power supply and Ground. --- ## 3. Key Electronic Features ### I2C Protocol Support The device acts as a **Slave** on the I2C bus. It supports: * **Byte Write:** Writing a single byte to a specific address. * **Page Write:** Writing up to 32 bytes in a single write cycle, which significantly increases throughput. * **Random & Sequential Read:** Flexible methods to retrieve stored data. ### Low Power Consumption Designed for mobile and battery-powered applications, it features: * **Active Read Current:** < 2 mA. * **Standby Current:** < 1 µA (at 1.8V). ### Internal Write Cycle The device includes an internal self-timed write cycle (typically 5ms). During this time, the memory is "busy," and the I2C bus can be used for other tasks, though the EEPROM will not respond until the cycle completes. --- ## 4. Part Number Breakdown (M24C32-RMB6T) | Code | Meaning | | :--- | :--- | | **M24** | I2C Serial Access EEPROM | | **C32** | 32 Kbit Density | | **-R** | Voltage Range: 1.8V to 5.5V | | **MB** | Package: UFDFPN8 (2x3 mm) | | **6** | Temperature Grade: -40 to 85 °C | | **T** | Packing: Tape & Reel | ---
    ✨ Follow-up Questions
    • ⤷ How do I calculate the 7-bit I2C address for this device using the E0-E2 pins?
    • ⤷ What is the difference between the M24C32-R and the M24C32-W versions?
    • ⤷ Can this EEPROM be used with a 3.3V microcontroller like an ESP32 or STM32?