Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M24C32-RMB6TGA

  • AI
    # Electronic Specifications: M24C32-RMB6TG The **M24C32-RMB6TG** is a high-performance, low-voltage **32-Kbit serial I²C Bus EEPROM** manufactured by STMicroelectronics. It is commonly used for parameter storage in mobile devices, medical electronics, and consumer hardware due to its compact form factor and low power consumption. --- ## 1. Core Technical Specifications The following table summarizes the primary electrical and physical characteristics: | Parameter | Specification | | :--- | :--- | | **Memory Size** | 32 Kbit (4,096 bytes x 8 bits) | | **Interface** | I²C (Two-Wire Serial) | | **Supply Voltage ($V_{CC}$)** | 1.8V to 5.5V | | **Clock Frequency** | 400 kHz (Fast Mode) / 1 MHz (Fast Mode Plus) | | **Package Type** | UFDFPN8 (Ultra-Thin Dual Flat No-Lead) | | **Operating Temperature** | -40°C to +85°C | | **Write Cycles (Endurance)** | 4 million write cycles | | **Data Retention** | 200 years | --- ## 2. Key Internal Features ### A. Memory Organization The memory is organized as **4,096 words of 8 bits each**. It utilizes an internal page architecture for writing: * **Page Size:** 32 bytes. * **Random Read:** Allows access to any specific byte. * **Sequential Read:** Allows reading the entire memory map in a single burst. ### B. Hardware Write Protection The device features a **Write Control (WC)** pin. * If **WC** is high ($V_{IH}$), the entire memory is protected against write instructions. * If **WC** is low ($V_{IL}$), the memory is write-enabled. ### C. Low Power Management Designed for battery-powered applications, the chip enters a **Standby Mode** automatically after a write or read cycle, reducing current consumption to approximately **1 $\mu$A** at 1.8V. --- ## 3. Pin Configuration (UFDFPN8) | Pin Number | Name | Description | | :--- | :--- | :--- | | 1, 2, 3 | E0, E1, E2 | Chip Enable (Address) inputs to allow up to 8 devices on the same bus. | | 4 | $V_{SS}$ | Ground. | | 5 | SDA | Serial Data (Bidirectional). | | 6 | SCL | Serial Clock (Input). | | 7 | WC | Write Control (Hardware protection). | | 8 | $V_{CC}$ | Supply Voltage. | --- ## 4. Part Number Breakdown: M24C32-RMB6TG To understand the specific variant: * **M24**: I²C Serial Access EEPROM. * **C32**: 32 Kbit density. * **-R**: Operating voltage range (1.8V to 5.5V). * **MB**: UFDFPN8 package (MLP8). * **6**: Industrial temperature range (-40 to 85°C). * **T**: Tape and Reel packing. * **G**: ECOPACK2 (RoHS compliant/Lead-free). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum write time (tW) for a single page on this EEPROM?
    • ⤷ How do the E0
    • ⤷ E1
    • ⤷ and E2 pins function when connecting multiple M24C32 devices?
    • ⤷ What are the specific pull-up resistor requirements for the SDA and SCL lines at 400kHz?