Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M24C32-RMB6TGP

  • AI
    The **M24C32-RMB6TG** is a specific variant of the M24C32 family, which is a 32-Kbit serial I2C bus EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. --- ### 1. Key Technical Specifications The part number "M24C32-RMB6TG" reveals detailed information about its operating parameters and physical construction: | Feature | Specification | | :--- | :--- | | **Memory Size** | 32 Kbits (4,096 x 8 bits) | | **Interface** | I2C (Two-Wire Serial) | | **Supply Voltage (Vcc)** | 1.8V to 5.5V | | **Clock Frequency** | 400 kHz (Fast Mode) / 1 MHz (Fast Mode Plus) | | **Page Size** | 32 Bytes | | **Write Endurance** | 4 Million Write Cycles | | **Data Retention** | 200 Years | | **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) | --- ### 2. Functional Characteristics This electronic component acts as non-volatile storage for small amounts of data that must be preserved even when power is removed. * **Device Addressing:** It uses a 7-bit device address. It allows up to 8 devices to be connected to the same I2C bus by using three hardware address pins (E0, E1, E2). * **Write Protection (WC):** A hardware Write Control pin is available. When tied to High, the memory contents are protected against write instructions. * **Low Power Consumption:** Designed for battery-operated devices, with very low standby current (typically less than 1 $\mu$A). --- ### 3. Pinout Configuration (UFDFPN8) The RMB6TG package is a small, 2x3 mm 8-lead package. | Pin Number | Name | Function | | :--- | :--- | :--- | | 1, 2, 3 | E0, E1, E2 | Chip Enable (Address inputs) | | 4 | Vss | Ground | | 5 | SDA | Serial Data (Bidirectional) | | 6 | SCL | Serial Clock (Input) | | 7 | WC | Write Control (Active High) | | 8 | Vcc | Supply Voltage | --- ### 4. Part Number Decoder Understanding the "RMB6TG" suffix: * **R**: Operating voltage range of 1.8V to 5.5V. * **MB**: UFDFPN8 package (MLP style). * **6**: Industrial temperature range (-40°C to +85°C). * **T**: Tape and Reel packaging. * **G**: RoHS compliant / Halogen-free (Green). --- ### 5. Common Applications * **Consumer Electronics:** Storing user settings in smartwatches or handheld devices. * **Computing:** Storing BIOS configuration or identification data (SPD). * **Industrial:** Calibration data storage for sensors and modules. * **Medical:** Parameter storage for portable medical instruments.
    ✨ Follow-up Questions
    • ⤷What is the difference between M24C32-R and M24C32-F variants?
    • ⤷ How do I calculate the I2C slave address for this chip?
    • ⤷ What is the maximum write cycle time for a single page?