Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M24C64-RMB3TGA

  • AI
    ## M24C64-RMB3TGA: Technical Overview The **M24C64-RMB3TGA** is a high-performance, low-voltage Electrically Erasable Programmable Read-Only Memory (**EEPROM**) manufactured by STMicroelectronics. It is organized as 8192 x 8 bits (64 Kbit) and communicates via the I²C interface. --- ### 1. Key Specifications The following table highlights the primary electrical and operational characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Storage Capacity** | 64 Kbit (8,192 bytes) | | **Interface** | I²C (Serial Two-Wire) | | **Supply Voltage ($V_{CC}$)** | 1.8V to 5.5V | | **Clock Frequency** | 1 MHz (Fast-mode Plus), 400 kHz, 100 kHz | | **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) | | **Temperature Range** | -40°C to +125°C (Automotive Grade 1) | | **Write Cycles** | 4 Million cycles (at 25°C) | | **Data Retention** | 200 Years | --- ### 2. Functional Features * **Byte and Page Write:** Supports writing a single byte or a full page of 32 bytes in a single write cycle. * **Random and Sequential Read:** Data can be accessed from a specific address or read linearly across the entire memory. * **Write Protection:** Includes a hardware Write Control ($WC$) pin which, when pulled high, protects the entire memory contents from being modified. * **Low Power Consumption:** * Active Read current: < 2 mA. * Standby current: < 1 µA (at 1.8V). * **Enhanced Reliability:** Built-in hardware error correction code (ECC) and high endurance for industrial and automotive applications. --- ### 3. Pin Configuration (UFDFPN8) | Pin Name | Description | | :--- | :--- | | **E0, E1, E2** | Chip Enable inputs (allows up to 8 devices on the same I²C bus). | | **SDA** | Serial Data (bidirectional). | | **SCL** | Serial Clock. | | **WC** | Write Control (Hardware protection). | | **VCC** | Supply Voltage. | | **VSS** | Ground. | --- ### 4. Part Number Breakdown: M24C64-RMB3TGA The suffix often denotes specific automotive or packaging variables: - **M24**: I²C Serial Access EEPROM. - **C64**: 64 Kbit density. - **-R**: 1.8V to 5.5V operating voltage. - **MB**: UFDFPN8 package (2x3 mm). - **3**: Automotive temperature range (-40 to +125°C). - **TG**: Tape & Reel packing. - **A**: Automotive grade (AEC-Q100 compliant). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum I2C bus speed supported by this EEPROM at 1.8V?
    • ⤷ How does the Write Control (WC) pin prevent data corruption?
    • ⤷ What are the common automotive applications for the M24C64-RMB3TGA?