Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M24C64-RMB5TG/P

  • AI
    The **M24C64-RMB5TG/P** is a specific variant of the M24C64 family, which are 64-Kbit I²C-compatible serial EEPROMs (Electrically Erasable Programmable Read-Only Memory). These devices are commonly used for non-volatile parameter storage in compact electronic devices. --- ## 1. Core Technical Specifications The table below summarizes the primary electrical and physical characteristics of this part: | Parameter | Specification | | :--- | :--- | | **Memory Size** | 64 Kbit (8,192 x 8 bits) | | **Interface** | I²C (Two-Wire Serial) | | **Operating Voltage ($V_{CC}$)** | 1.8V to 5.5V | | **Clock Frequency** | 400 kHz (Fast Mode) / 1 MHz (Fast Mode Plus) | | **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) | | **Operating Temperature** | -40°C to +85°C | | **Data Retention** | 200 Years | | **Endurance** | 4 Million Write Cycles | --- ## 2. Deciphering the Part Number The suffix **"RMB5TG/P"** provides critical information about the packaging and environmental standards: * **M24C64**: Device family (64 Kbit I²C EEPROM). * **-R**: Operating voltage range (1.8V to 5.5V). * **MB**: Package type (UFDFPN8, 2x3 mm). * **5**: Device grade (Industrial temperature range -40°C to 85°C). * **TG**: Tape and Reel packing. * **P**: ECOPACK2 (RoHS compliant and Halogen-free). --- ## 3. Key Electronic Features ### I²C Interface Support The device acts as a **slave** on the I²C bus. It uses a bidirectional Data line (SDA) and a Clock line (SCL). It supports multiple slave addresses, allowing several EEPROMs to be connected to the same bus using hardware address pins ($E_0, E_1, E_2$). ### Write Protection (WC Pin) It features a hardware **Write Control (WC)** pin: - If **WC is High**, the entire memory is write-protected (read-only mode). - If **WC is Low**, the memory is unprotected and can be written to. ### Page Write Mode Instead of writing one byte at a time, the device supports a **32-byte page write**. This significantly reduces the total time required to program the memory by allowing 32 bytes to be sent in a single burst before the internal write cycle begins (which takes roughly 5ms). --- ## 4. Typical Applications * **Consumer Electronics:** Storing user settings in smartphones or cameras. * **Industrial:** Storing calibration data and configuration parameters. * **Medical:** Log data for portable diagnostic tools. * **IoT Devices:** Storing Wi-Fi credentials and sensor thresholds.
    ✨ Follow-up Questions
    • ⤷ What are the differences between M24C64 and M24C32 models?
    • ⤷ How do I calculate the I2C slave address for this device?
    • ⤷ What is the maximum internal write cycle time for this EEPROM?