AI

The **M24C64-RMB5TGP** is a high-performance, low-voltage, serial Electrically Erasable Programmable Read-Only Memory (EEPROM) manufactured by STMicroelectronics. It is commonly used for parameter storage in mobile devices, medical electronics, and industrial sensors.
---
## 1. Technical Specifications
The following table summarizes the core electrical and physical parameters of the device:
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 64 Kbit (8,192 x 8 bits) |
| **Interface** | I²C (Inter-Integrated Circuit) |
| **Supply Voltage (Vcc)** | 1.8V to 5.5V |
| **Clock Frequency** | 1 MHz (Fast-mode Plus), 400 kHz, 100 kHz |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Operating Temp Range** | -40°C to +85°C |
| **Write Cycles** | 4 Million cycles (at 25°C) |
| **Data Retention** | 200 Years |
---
## 2. Key Features and Functions
### A. I²C Serial Interface
The device operates as a "Slave" on the I²C bus. It supports:
* **Byte Write:** Writing a single byte to a specific address.
* **Page Write:** Writing up to 32 bytes in a single write cycle, which improves efficiency.
* **Random/Sequential Read:** Flexible methods to retrieve stored data.
### B. Hardware Write Protection (WC)
The `WC` (Write Control) pin provides hardware-level security.
* If **WC is High**, the entire memory becomes read-only.
* If **WC is Low**, the memory can be written to normally.
### C. Low Power Consumption
Designed for battery-operated devices, it features:
* Active Read Current: < 2 mA
* Standby Current: < 1 µA (at 1.8V)
---
## 3. Package and Ordering Information (Decoding the Suffix)
The suffix **RMB5TGP** provides specific manufacturing details:
| Suffix Code | Meaning |
| :--- | :--- |
| **R** | Operating Voltage: 1.8V to 5.5V |
| **MB** | Package: UFDFPN8 (2 x 3 mm) |
| **5** | Temperature Grade: -40°C to +85°C |
| **TG** | Packing: Tape & Reel |
| **P** | Process/Eco-friendly: Lead-free and RoHS compliant |
---
## 4. Typical Application Circuit
When integrating this part into a PCB design, the following connections are standard:
```text
Vcc (1.8V-5.5V) ---- [0.1uF Capacitor] ---- GND
SCL (Clock) ---- [4.7k Pull-up Resistor] ---- Vcc
SDA (Data) ---- [4.7k Pull-up Resistor] ---- Vcc
WC (Write Ctrl) ---- Connected to GND (for write access)
A0, A1, A2 ---- Address pins (determines I2C Slave Address)
```
- ⤷
What is the maximum I2C bus speed supported by the M24C64-R?
- ⤷ How does the 'Page Write' function impact the lifespan of the EEPROM?
- ⤷ What are the common alternatives to the UFDFPN8 package for this chip?