Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M24C64-RMB6T

  • AI
    ## Technical Overview of the M24C64-RMB6T The **M24C64-RMB6T** is a 64-Kbit serial I²C (Inter-Integrated Circuit) bus EEPROM (Electrically Erasable Programmable Memory) manufactured by STMicroelectronics. It is widely used for non-volatile data storage in consumer electronics, industrial controls, and medical devices. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 64 Kbit (8,192 x 8 bits) | | **Interface** | I²C Serial (Two-wire) | | **Operating Voltage ($V_{CC}$)** | 1.8V to 5.5V | | **Clock Frequency** | 400 kHz (Fast Mode) / 1 MHz (Fast Mode Plus) | | **Package Type** | UFDFPN8 (MLP8) - Ultra-thin Fine pitch Dual Flat No-lead | | **Temperature Range** | -40°C to +85°C (Industrial Grade 6) | | **Write Cycles** | 4 Million cycles (Endurance) | | **Data Retention** | 200 Years | --- ### 2. Pin Configuration (UFDFPN8) The device typically uses an 8-pin layout. Below is the functional description of the pins: | Pin Name | Type | Description | | :--- | :--- | :--- | | **E0, E1, E2** | Input | Chip Enable (Used to address multiple devices on the same bus) | | **SDA** | I/O | Serial Data (Open drain) | | **SCL** | Input | Serial Clock | | **WC** | Input | Write Control (Hardware protection; if High, write is disabled) | | **Vcc** | Power | Supply Voltage | | **Vss** | Power | Ground | --- ### 3. Core Features and Functionality #### A. Write Protection The **WC (Write Control)** pin is a hardware safety feature. * When connected to $V_{SS}$ (Ground), the entire memory is writable. * When connected to $V_{CC}$, the memory is write-protected, preventing accidental data corruption. #### B. Page Write Buffer The device features a **32-byte page write buffer**. This allows the controller to send up to 32 bytes of data in a single burst, which the EEPROM then writes to its internal memory cells in one internal write cycle (typically 5ms). #### C. Addressing Since the device is 64 Kbits, it requires **two-byte addressing**. When communicating, the master must send the Device Select code, followed by the High Address byte and the Low Address byte. --- ### 4. Part Number Breakdown: M24C64-RMB6T Understanding the suffix codes: * **M24**: I²C Serial Access EEPROM. * **C64**: 64 Kbit density. * **-R**: Operating voltage range of 1.8V to 5.5V. * **MB**: Package code for UFDFPN8 ($2 \times 3$ mm). * **6**: Industrial temperature range ($-40$ to $+85^\circ C$). * **T**: Tape and Reel packing. ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between M24C64 and M24C32 in terms of I2C addressing?
    • ⤷ How do I calculate the maximum pull-up resistor value for the SDA line at 400kHz?
    • ⤷ Can this EEPROM be used in automotive applications
    • ⤷ or is there a specific 'A' version?