Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M24C64-RMB6TP

  • AI
    ## Technical Overview of M24C64-RMB6TP The **M24C64-RMB6TP** is a 64-Kbit serial I²C (Inter-Integrated Circuit) Electrically Erasable Programmable Read-Only Memory (EEPROM). It is manufactured by STMicroelectronics and is widely used for non-volatile data storage in low-power electronic applications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 64 Kbit (8,192 x 8 bits) | | **Interface** | I²C Serial (2-wire) | | **Operating Voltage ($V_{CC}$)** | 1.8V to 5.5V | | **Clock Frequency** | 400 kHz (Fast Mode) or 1 MHz (Fast Mode Plus) | | **Write Cycle Time** | 5 ms (Maximum) | | **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) | | **Temperature Range** | -40°C to +85°C | | **Endurance** | 4 million write cycles | | **Data Retention** | 200 years | --- ### 2. Pin Configuration (UFDFPN8) The device typically uses an 8-pin layout. Below is the functional description for the pins: | Pin Name | Function | Description | | :--- | :--- | :--- | | **E0, E1, E2** | Chip Enable | Used to define the device's I²C address (up to 8 devices on one bus). | | **SDA** | Serial Data | Bidirectional pin for transferring addresses and data. | | **SCL** | Serial Clock | Provides the clock signal for synchronization. | | **WC** | Write Control | Hardware protection. If tied to $V_{CC}$, write operations are inhibited. | | **$V_{CC}$** | Power | Positive supply voltage. | | **$V_{SS}$** | Ground | Reference ground. | --- ### 3. Core Functional Features #### A. I²C Protocol Support The device acts as a **Slave** on the I²C bus. It supports: * **Byte Write:** Writing a single byte to a specific memory address. * **Page Write:** Writing up to 32 bytes in a single write cycle, which improves efficiency. * **Random Read:** Reading data from a specific address. * **Sequential Read:** Reading a continuous stream of data starting from a specific address. #### B. Write Protection The **WC (Write Control)** pin is a critical safety feature. * When `WC = Low`, the entire memory is writable. * When `WC = High`, the memory is protected (read-only), preventing accidental data corruption due to noise or software errors. #### C. Low Power Consumption Designed for battery-operated devices, it features a low standby current (typically less than 1 $\mu$A at 1.8V). --- ### 4. Typical Application Circuit In a standard circuit, the SDA and SCL lines require pull-up resistors ($R_P$) to $V_{CC}$ because the pins are open-drain. ```c // Example Pseudocode for initializing I2C write to M24C64 void writeEEPROM(uint16_t memAddress, uint8_t data) { I2C_Start(); I2C_Send_Device_Address(0xA0); // Default 7-bit address + Write bit I2C_Send_Byte(memAddress >> 8); // High byte of memory address I2C_Send_Byte(memAddress & 0xFF); // Low byte of memory address I2C_Send_Byte(data); I2C_Stop(); } ``` --- ### 5. Common Use Cases * **Configuration Storage:** Saving calibration data, user settings, or device IDs. * **Asset Tracking:** Storing serial numbers and manufacturing dates. * **Data Logging:** Storing small amounts of sensor data over time. * **Firmware Parameters:** Holding lookup tables or boot parameters for microcontrollers.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the M24C64 and the M24C32 versions?
    • ⤷ How do the E0
    • ⤷ E1
    • ⤷ and E2 pins affect the I2C slave address calculation?
    • ⤷ What is the recommended value for the SCL/SDA pull-up resistors in a 3.3V system?