Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2ADS-CB2-R2

  • AI
    The **M2ADS-CB2-R2** is a specialized electronic component, typically identified as a **Carrier Board** or an **Interface Adapter** designed for M.2 (Next Generation Form Factor) modules. It is frequently utilized in industrial automation, networking, or cellular communication systems (such as 5G/LTE integration). Below is a breakdown of its core electronic parts and functional architecture. --- ### 1. Key Electronic Components | Component Type | Description | Function | | :--- | :--- | :--- | | **M.2 Key B Slot** | 75-pin connector | Houses the M.2 module (typically 3042/3052 size for 4G/5G modems). | | **SIM Card Slots** | Dual or Single Nano/Micro SIM | Provides the identity interface for cellular connectivity. | | **Voltage Regulator** | DC-to-DC Buck Converter | Steps down input voltage (usually 5V or 12V) to 3.3V required by M.2 modules. | | **USB Interface** | USB 3.0/3.1 Type-C or Header | High-speed data path between the M.2 module and the host PC/SBC. | | **ESD Protection** | TVS Diodes | Protects sensitive pins from Electrostatic Discharge during handling or surges. | | **Status LEDs** | SMD Light Emitting Diodes | Visual indicators for Power (PWR), Network (NET), and System status. | --- ### 2. Functional Architecture #### Power Management The board features a robust power circuit capable of handling high peak currents. High-performance 5G modules can draw significant bursts of power (up to 3A) during transmission; the M2ADS-CB2-R2 uses high-capacitance **tantalum or ceramic capacitors** to stabilize this voltage. #### Data Routing * **USB 3.1 Bus:** The primary lane for data transfer between a modem and the processor. * **I2C/PCM/UART:** Sideband signals used for diagnostics, voice PCM data, or low-level module control. #### Thermal Design The "R2" (Revision 2) often implies improvements in thermal dissipation. The PCB likely includes **thermal vias**—small copper-plated holes—that move heat from the M.2 module through the board to a heatsink or the chassis. --- ### 3. Physical Layout Summary ```markdown [ USB Port ] <------> [ Voltage Regulator ] <------> [ M.2 Slot ] ^ | | v [ Power Input ] [ SIM Card Slots ] ``` --- ### 4. Typical Use Cases 1. **Industrial IoT:** Connecting PLCs to 5G networks. 2. **SBC Expansion:** Adding cellular capabilities to Raspberry Pi or Jetson Nano via USB. 3. **Testing/Prototyping:** Evaluating different M.2 modules without designing a custom PCB.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power output of the onboard 3.3V regulator?
    • ⤷ Does this revision support dual-SIM failover functionality?
    • ⤷ Is the USB interface compatible with USB 2.0 legacy ports?