AI

The **M2ADS-E1B-R** is a high-performance **Micro-ATX Industrial Motherboard** designed by **ASRock Industrial**. It is built on the **AMD AM5 socket** (LGA1718) and is specifically engineered for industrial automation, edge computing, and high-end workstation applications.
Below is a detailed breakdown of its electronic components and technical specifications.
---
## 1. Core Architecture
| Component | Specification |
| :--- | :--- |
| **Processor Support** | AMD Ryzen™ 7000/8000/9000 Series Processors (up to 170W) |
| **Chipset** | AMD B650 Chipset |
| **Socket** | AM5 (LGA 1718) |
| **Form Factor** | Micro-ATX (9.6-in x 9.6-in) |
## 2. Memory and Data Integrity
The board is designed for high-speed data processing and stability.
* **Slots:** 4 x 288-pin DIMM.
* **Type:** Dual Channel **DDR5** 5600 MHz.
* **Capacity:** Up to 192GB (48GB per DIMM).
* **Error Correction:** Supports **ECC (Error Correction Code)** and non-ECC unbuffered memory, which is critical for industrial applications where data corruption must be prevented.
## 3. Expansion Slots and Connectivity
The "E1B-R" variant provides a robust set of PCIe lanes for GPUs, FPGA cards, or high-speed networking.
### PCIe Configuration:
* **Slot 1:** PCIe x16 (Gen5) - Ideal for modern high-performance GPUs.
* **Slot 2:** PCIe x4 (Gen4).
* **Slot 3:** PCIe x4 (Gen4).
* **Slot 4:** PCIe x1 (Gen4).
### Storage:
* **SATA:** 4 x SATA3 (6.0 Gb/s), supporting RAID 0, 1, 10.
* **M.2:** 1 x M.2 (Key M, 2242/2280) with PCIe Gen5 x4 for ultra-fast NVMe SSDs.
## 4. Input/Output (I/O) Interfaces
### Networking (LAN)
It features dual high-bandwidth Ethernet ports:
* **1 x Realtek RTL8125BG** (2.5 Gigabit LAN).
* **1 x Realtek RTL8111H** (1 Gigabit LAN) with Dash support for remote management.
### Graphics Output
Supports up to 4 concurrent displays:
* 1 x HDMI 2.1 (Max 4096x2160 @ 60Hz).
* 1 x DisplayPort 1.4a (Max 4096x2160 @ 60Hz).
* 1 x VGA (Max 1920x1200 @ 60Hz).
* 1 x eDP 1.4b (Max 4096x2160 @ 60Hz).
### Serial and USB
Industrial environments often require legacy support:
* **COM Ports:** 6 ports (4x RS-232, 2x RS-232/422/485).
* **USB:** Total of 11 USB ports (including USB 3.2 Gen2 Type-A/C and USB 2.0).
---
## 5. Industrial Features
The M2ADS-E1B-R includes specific electronic protections and management tools:
* **TPM:** Integrated TPM 2.0 on-board IC for hardware-based security.
* **Watchdog Timer:** 256 segments (0, 1, 2... 255sec) to automatically reboot the system if the software hangs.
* **Power Input:** ATX 24-pin + 8-pin power connectors.
* **Operating Temp:** 0ºC ~ 60ºC (standard industrial range).
---
- ⤷What is the difference between the B650 and X670 chipset for industrial use?
- ⤷ Does this motherboard support NVMe RAID configurations?
- ⤷ What are the power requirements for a Ryzen 9 7950X on this board?