Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2ADS-ZA13-R2SLASHQ

  • AI
    The **M2ADS-ZA13-R2/Q** is a specific technical configuration for a **rotary encoder**, commonly associated with **Sanyo Denki** motors or specialized industrial motion control systems. Below is the breakdown of its electronic characteristics and specifications based on the standard naming conventions for this series. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Type** | Absolute Rotary Encoder | | **Resolution** | 13-bit (8,192 positions per revolution) | | **Interface** | Serial Communication (High-speed) | | **Input Voltage** | +5V DC (Standard for TTL logic) | | **Mounting Style** | Integrated / Motor-mounted | | **Output Format** | Differential Line Driver (RS-422 standard) | --- ### 2. Component Analysis #### A. The Encoder Engine (ZA13) The "ZA13" designation indicates a **13-bit Absolute Encoder**. - **Electronic behavior:** Unlike incremental encoders that count pulses, this part outputs a unique digital code for every angle of the shaft. - **Power Failure Resilience:** Because it is absolute, the electronic system remembers its position even if power is lost and restored, without needing a "Home" cycle. #### B. The Serial Communication Interface The "M2ADS" prefix typically refers to the electronic protocol used to transmit data to the Servo Drive. - It uses a **Synchronous Serial Interface**. - Internally, it contains a specialized ASIC (Application-Specific Integrated Circuit) that converts optical or magnetic sensor signals into a digital data stream. #### C. Physical and Wiring Interface The "R2/Q" suffix usually denotes the revision of the PCB and the specific connector or wiring harness type. - **Noise Immunity:** The electronics are shielded to prevent Electromagnetic Interference (EMI) from the motor's power lines. - **Differential Signaling:** It uses complementary signals (Data+ and Data-) to ensure data integrity over long cable runs. --- ### 3. Electronic Block Diagram Representation ```mermaid graph LR A[Optical/Magnetic Sensor] --> B[Signal Conditioner] B --> C[13-bit Logic Processor] C --> D[Differential Line Driver] D --> E[Servo Drive/Controller] ``` --- ### 4. Application Context This electronic part is crucial for: 1. **Precision Positioning:** Used in CNC machines and robotics. 2. **Velocity Feedback:** Helping the drive calculate the exact speed of the motor. 3. **Commutation:** Telling the drive when to fire the transistors to energize the motor phases correctly.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the M2ADS connector?
    • ⤷ Can this encoder be replaced with a 17-bit version in the same system?
    • ⤷ How do I troubleshoot a 'Serial Communication Error' with this part?