Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2AMS-B4-R

  • AI
    The **M2AMS-B4-R** is a specific electronic component within the **M2AMS series**, typically categorized as a **Digital Potentiometer** or a specialized **Rotary Switch/Encoder** module (often associated with brands like Noble or similar manufacturers in industrial control). Below is a breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Component Type** | Rotary Encoder / Digital Potentiometer | | **Output Type** | Incremental / Binary (B-Series) | | **Resolution** | 4-bit (Standard for B4 designation) | | **Number of Positions** | 16 Positions (Hexadecimal) | | **Contact Resistance** | < 100 mΩ | | **Operating Voltage** | Typically 5V DC (Logic Level) | | **Rotation Angle** | 360° (Continuous or Indexed) | --- ### 2. Functional Description The "M2AMS-B4-R" functions by converting the physical rotation of a shaft into a digital signal. * **Binary Coding (B4):** The "B4" suffix indicates a **4-bit Binary output**. This means the part has 4 output pins that represent values from 0 to 15 (0000 to 1111 in binary). * **The "R" Suffix:** This usually denotes the **Reverse** pin layout or **Right-angle** mounting orientation, depending on the specific manufacturer's datasheet. * **Switching Mechanism:** It uses mechanical gold-plated or silver-plated contacts to ensure high reliability and low noise during the switching process. --- ### 3. Connection Pinout (Typical) Most 4-bit rotary encoders in this series follow a standard pin layout for interfacing with Microcontrollers (MCUs) like Arduino, STM32, or PLCs. ```text Pin 1: Bit 0 (LSB) Pin 2: Bit 1 Pin 3: Common (GND/VCC) Pin 4: Bit 2 Pin 5: Bit 3 (MSB) ``` --- ### 4. Applications This part is commonly found in industrial and consumer electronics where a precise digital input is required: 1. **Industrial Controls:** Setting parameters on a PCB without needing a display. 2. **Audio Equipment:** Digital volume stepping or channel selection. 3. **Communication Devices:** Frequency or mode selection in radio equipment. 4. **Household Appliances:** Timer or program selection knobs. --- ### 5. Implementation Example When connecting to a microcontroller, you would typically use pull-up resistors to ensure the signal remains stable. ```cpp // Example: Reading the 4-bit value in C++ int readEncoder() { int bit0 = digitalRead(pin1); int bit1 = digitalRead(pin2); int bit2 = digitalRead(pin4); int bit3 = digitalRead(pin5); // Combine bits into a single integer (0-15) return (bit3 << 3) | (bit2 << 2) | (bit1 << 1) | bit0; } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the M2AMS-B4-R and a standard potentiometer?
    • ⤷ Can this part be used in high-voltage AC circuits?
    • ⤷ Does this model feature a 'push-to-select' button functionality?