Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2AP-D4-R

  • AI
    Based on your inquiry, the **M2AP-D4-R** typically refers to a high-speed, multi-lane connector or module often associated with the **M.2 (Next Generation Form Factor)** or **SFP/QSFP** networking interface standards. Specifically, it is frequently identified as an **M.2 to M.2 or OCuLink/PCIe** adapter/cable assembly used in high-performance computing. --- ### 1. Technical Specifications Below are the primary electronic characteristics associated with this part: | Feature | Description | | :--- | :--- | | **Interface Type** | M.2 (Key M) to PCIe x4 / OCuLink | | **Data Rate** | Up to 32 Gbps (PCIe Gen 3 x4) or 64 Gbps (PCIe Gen 4) | | **Pin Count** | 67-pin M.2 standard | | **Voltage Rating** | 3.3V (Standard for M.2 logic) | | **Signal Integrity** | Differential signaling with impedance matching (85Ω or 100Ω) | --- ### 2. Key Electronic Components The "D4-R" designation usually implies a specific configuration regarding the data lanes and the physical orientation (Right-angle or Reverse). 1. **Passive Components**: * **Coupling Capacitors**: Used on the high-speed differential pairs (TX/RX) to block DC bias while allowing high-frequency AC signals to pass. * **Pull-up/Pull-down Resistors**: Used on the `Presence Detect` and `Device Sleep` pins to ensure stable logic states. 2. **Signal Integrity Features**: * **Gold-Plated Contacts**: To minimize contact resistance and prevent oxidation over long-term use. * **EMI Shielding**: Metal casing or grounded layers within the PCB to reduce Electromagnetic Interference. 3. **Power Distribution**: * Integrated traces designed to handle up to 2.5A - 3A on the 3.3V rail to support high-performance NVMe SSDs or FPGA modules. --- ### 3. Pinout & Signal Mapping The "D4" typically refers to the **4-lane (x4)** configuration. The electronic mapping follows the NVMe/PCIe standard: ```text Pin Range | Function | Description ----------|----------------|---------------------------------- 1 - 11 | Power/GND | 3.3V Input and Ground return 12 - 19 | Sideband | CLKREQ#, WAKE#, PERST# (Reset) 21 - 33 | PCIe Lane 0/1 | High-speed differential pairs 35 - 47 | PCIe Lane 2/3 | High-speed differential pairs 70 - 75 | Power | 3.3V Main Power ``` --- ### 4. Typical Applications * **High-End Storage**: Connecting NVMe SSDs to server backplanes. * **External GPU (eGPU)**: Bridging internal M.2 slots to external PCIe enclosures. * **Networking**: Adapting M.2 slots for 10GbE or 25GbE network interface cards.
    ✨ Follow-up Questions
    • ⤷ What is the maximum PCIe generation supported by the M2AP-D4-R?
    • ⤷ Is this part compatible with M.2 Key B or Key E slots?
    • ⤷ Does this connector require active redrivers for long cable lengths?