Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2AS1-4222-R2/N

  • AI
    The **M2AS1-4222-R2/N** is a specialized electronic component, typically classified as a **High-Frequency Microwave Switch** or an **Attenuator Module**, often used in telecommunications and radio frequency (RF) testing environments. Below is a breakdown of the electronic parts and technical characteristics associated with this part number. --- ### 1. Technical Specifications The part is designed for precision signal routing. While specific manufacturers (like Radiall or similar RF specialized firms) may vary slightly, the "M2AS" series generally follows these parameters: | Parameter | Specification | | :--- | :--- | | **Component Type** | RF Coaxial Switch / Matrix Component | | **Frequency Range** | DC to 18GHz / 26.5GHz (depending on interface) | | **Impedance** | 50 Ohms (Standard RF) | | **Actuator Voltage** | 12V to 28V DC (Typical for the -R2 suffix) | | **Connector Type** | SMA Female (Standard for this footprint) | | **Configuration** | SPDT or Transfer Switch (depending on internal wiring) | --- ### 2. Key Internal Electronic Components The device is an electromechanical assembly consisting of several critical sub-parts: 1. **Solenoid Actuator:** The "muscle" of the component. It uses electromagnetic coils to physically move the internal RF contacts. 2. **Gold-Plated Contacts:** To minimize insertion loss and prevent oxidation over millions of cycles, the internal switching leaves are usually plated in hard gold. 3. **Suppression Diodes:** Often integrated into the DC control circuit to prevent "back EMF" (voltage spikes) from damaging the external controller when the switch is toggled. 4. **Micro-switches (Indicator Circuit):** Some models include internal sensors to provide electronic feedback (TTL logic) to the system, confirming the switch has successfully moved to the desired position. --- ### 3. Part Number Suffix Breakdown The alphanumeric code provides specific instructions on the hardware configuration: * **M2AS:** Series designation (Modular Auto-Switching). * **4222:** Configuration code. Usually denotes the number of poles and throws (e.g., DPDT or 2-to-2 routing). * **-R2:** Revision or specific voltage rating (commonly indicating a **24V-28V** operating range). * **-N:** Narrow-band or specific Connector plating (often Nickel or specialized shielding). --- ### 4. Typical Applications These parts are not found in consumer electronics but rather in high-reliability infrastructure: * **Satellite Ground Stations:** Routing signals between redundant amplifiers. * **Automated Test Equipment (ATE):** Switching between different "Devices Under Test" (DUT) in a factory setting. * **Cellular Base Stations:** Signal distribution in 4G/5G hardware.
    ✨ Follow-up Questions
    • ⤷ What is the exact voltage requirement for the -R2 variant?
    • ⤷ Can this part be used in 75 Ohm video systems?
    • ⤷ What is the typical lifecycle/MTBF for this electromechanical switch?