Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2AS1-4223-R

  • AI
    The **M2AS1-4223-R** is a specific part number belonging to the **M2AS series** of industrial-grade, high-performance communication modules or serial converters (typically RS-422/485 to Fiber Optic or Ethernet). Below is a breakdown of its electronic components, technical specifications, and internal architecture. --- ## 1. Core Technical Specifications The "4223" designation usually indicates a dual-channel or specific voltage configuration within the manufacturer's catalog (often associated with brands like **CTC Union** or specialized industrial PC component makers). | Feature | Specification | | :--- | :--- | | **Interface Type** | RS-422 / RS-485 (Terminal Block) | | **Data Rate** | Up to 1.0 Mbps (Asynchronous) | | **Isolation Voltage** | 2.5KV or 3KV Optical Isolation | | **Surge Protection** | 600W - 1500W per line | | **Power Input** | 12-48V DC (Typical) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ## 2. Key Electronic Components The internal PCB of this module consists of several critical stages to ensure data integrity in harsh electrical environments: ### A. Signal Transceivers * **The RS-422/485 Driver:** Uses high-speed differential line drivers (like the MAX3485 or similar TI equivalents) to convert logic-level signals into differential signals that can travel long distances. * **Termination Resistors:** Built-in 120-ohm resistors (often selectable via DIP switch) to prevent signal reflection. ### B. Galvanic Isolation (The "Electronic Barrier") * **Optocouplers:** High-speed digital isolators (e.g., ADuM series or 6N137) decouple the input and output stages. This prevents ground loops and protects the host system from high-voltage spikes on the serial line. * **DC-DC Converter:** An isolated power module that provides power to the "field side" of the circuit without a direct electrical path to the "host side." ### C. Protection Circuitry * **TVS Diodes:** Transient Voltage Suppressors are placed across the signal lines to clamp over-voltage events (lightning or ESD). * **Gas Discharge Tubes (GDT):** In high-end models, these provide a secondary layer of protection against massive surges. --- ## 3. Connector Pinout (RS-422 Mode) For the M2AS1 series, the wiring typically follows this standard for 4-wire full-duplex communication: | Pin | Label | Function | | :--- | :--- | :--- | | 1 | **T+** | Transmit Positive | | 2 | **T-** | Transmit Negative | | 3 | **R+** | Receive Positive | | 4 | **R-** | Receive Negative | | 5 | **GND** | Signal Ground / Shield | --- ## 4. Application Logic The device operates as a **transparent bridge**. It does not interpret the data packets (Modbus, Profibus, etc.); instead, it focuses on physical layer conversion: 1. **Incoming Signal:** Receives differential signal from the wire. 2. **Filtering:** Cleans noise via RC filters. 3. **Isolation:** Passes the signal through a light pulse (Opto-isolation). 4. **Conversion:** Converts to the output format (TTL or Fiber) for the host controller.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the RS-422 and RS-485 wiring modes for this module?
    • ⤷ How do I configure the DIP switches for 120-ohm termination?
    • ⤷ What are the power consumption requirements for the M2AS1-4223-R?