Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2AS1-5334-R2

  • AI
    The **M2AS1-5334-R2** is a specialized high-performance coaxial switch, typically categorized as a **Duarte/Matrix Electromechanical Switch**. These components are widely used in RF (Radio Frequency) and microwave testing environments for routing signals between different paths. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, the electronic and mechanical characteristics are generally as follows: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Switch Type** | SPDT | Single Pole Double Throw | | **Actuator Type** | Failsafe | Returns to a default position when power is removed | | **Frequency Range** | DC to 18 GHz | Supports high-frequency microwave applications | | **Operating Voltage** | 12V - 15V DC | Standard supply for the internal solenoid | | **Connector Type** | SMA (Female) | Standard precision RF interface | | **Impedance** | 50 Ohms | Standard for RF communication systems | --- ### 2. Internal Electronic Components The device consists of several critical internal assemblies that allow it to function as a reliable RF switch: * **Solenoid Actuator:** The heart of the switch. It uses an electromagnetic coil to create a magnetic field that moves a mechanical plunger, toggling the RF path. * **RF Contact Assembly:** Precision gold-plated contacts designed to maintain signal integrity, minimize **Insertion Loss**, and provide high **Isolation** (preventing signal leakage into the "off" port). * **Indicator Circuitry (Optional):** Many "R2" revisions include internal logic or mechanical micro-switches that provide feedback to a controller, confirming whether the switch is in the "Open" or "Closed" state. * **Damping Mechanism:** Internal springs and bumpers that reduce mechanical bounce, extending the lifecycle of the switch (often rated for millions of cycles). --- ### 3. Applications The M2AS1-5334-R2 is primarily found in: 1. **Automated Test Equipment (ATE):** Routing signals from a Device Under Test (DUT) to various measurement instruments like Spectrum Analyzers. 2. **Satellite Communications:** Switching between redundant low-noise amplifiers (LNAs). 3. **Laboratory Research:** Prototyping RF circuits where manual or automated path switching is required. --- ### 4. Schematic Representation In a standard circuit, the electronic control is represented as follows: ```text Control Terminal (+) ----[ Solenoid Coil ]---- Control Terminal (-) | V (Mechanical Linkage) | RF Input (COM) <------------> RF Output (NC/NO) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum insertion loss for this model at 18 GHz?
    • ⤷ Does the R2 suffix indicate a specific voltage or environmental rating?
    • ⤷ How do I wire the indicator pins for remote status monitoring?