Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2AS1-5432-R2SLASHCE

  • AI
    The part number **M2AS1-5432-R2/CE** typically refers to a specialized industrial computing module or single-board computer (SBC) component, often associated with industrial automation and communication interface cards (such as those produced by companies like Advantech or similar industrial hardware providers). Below is a breakdown of the electronic components and technical specifications generally associated with this class of hardware. ### Technical Specifications Overview | Feature | Specification Details | | :--- | :--- | | **Form Factor** | M.2 (Type 2242 or 2280) | | **Interface** | PCIe or USB 3.0 (Internal bus) | | **I/O Ports** | Typically RS-232/422/485 Serial Communication | | **Isolation** | 2,500 VDC (High voltage protection) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **Certification** | CE / FCC Class A | --- ### Core Electronic Components #### 1. Communication Controller (UART) The heart of this module is usually a high-performance **UART (Universal Asynchronous Receiver-Transmitter)**. It manages the data flow between the host system's PCIe bus and the external serial peripherals. * **Buffer Size:** Usually equipped with deep FIFOs (e.g., 256 bytes) to reduce CPU overhead. #### 2. Galvanic Isolation (The "/CE" Distinction) The "CE" often denotes compliance with European standards, but in the context of the internal electronics, these boards feature: * **Optocouplers or Digital Isolators:** These prevent high-voltage spikes from the industrial field side from damaging the host computer. * **DC-to-DC Converters:** Used to provide isolated power to the transceiver side of the board. #### 3. Transceiver ICs These chips convert the logic-level signals from the UART into the electrical signals required for industrial standards: * **RS-422/485:** Differential signaling for long-distance communication (up to 1.2km). * **Termination Resistors:** Often includes DIP switches or jumpers to enable 120-ohm termination to prevent signal reflection. #### 4. Protection Circuitry To survive harsh industrial environments, the module includes: * **TVS Diodes:** (Transient Voltage Suppressors) for ESD protection. * **Gas Discharge Tubes (GDT):** Occasionally used for extreme surge protection. --- ### Key Applications * **Edge Computing:** Adding legacy serial ports to modern compact industrial PCs. * **Energy Management:** Communicating with smart meters or solar inverters. * **Factory Automation:** Connecting to PLCs (Programmable Logic Controllers) or CNC machinery. --- ### Hardware Configuration Code Block If you are configuring this hardware in a Linux-based industrial environment, it usually identifies as a standard TTY device: ```bash # Check if the M.2 serial card is recognized on the PCI bus lspci -vv | grep -i serial # Identify the assigned device nodes dmesg | grep ttyS # Output typically looks like: [ 0.5432] 00:04: ttyS0 at I/O 0x3f8 (irq = 4) ```
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout for the serial connector on this M.2 module?
    • ⤷ How does the 2
    • ⤷500 VDC isolation protect the host motherboard?
    • ⤷ Are there specific drivers required for Windows 10/11 IoT Core?