Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2AS1-5442-R

  • AI
    The **M2AS1-5442-R** is a specific part number typically associated with high-performance **Magnetic RJ45 Connectors** (Integrated Connector Modules or ICMs). These components combine a standard RJ45 Ethernet jack with the necessary internal magnetics (transformers and chokes) required for networking interfaces. --- ## 1. Component Overview The M2AS1-5442-R is designed to provide the physical connection and electrical isolation for Ethernet communications. By integrating the magnetics into the jack, it saves PCB space and improves EMI (Electromagnetic Interference) performance. ### Key Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Integrated RJ45 Connector (ICM) | | **Ethernet Speed** | 10/100/1000 Base-T (Gigabit Ethernet) | | **Port Configuration** | 1x1 (Single Port) | | **Orientation** | Right Angle / Side Entry | | **Shielding** | Metal Shield with EMI Tabs | | **LEDs** | Integrated (Typically Green/Yellow) | | **Mounting Type** | Through-Hole (THT) | --- ## 2. Internal Electronic Parts The "M2AS1" series contains several internal passive components that handle signal integrity: ### A. Isolation Transformers * **Purpose:** Provides 1500V AC isolation between the Ethernet cable and the PHY (Physical Layer) chip. * **Function:** Protects the sensitive electronics from voltage surges on the network line. ### B. Common Mode Chokes * **Purpose:** Filters out high-frequency noise that is common to both signal lines. * **Effect:** Reduces electromagnetic emissions to help the device pass FCC/CE certifications. ### C. Termination Resistors & Capacitors * **Purpose:** Often includes "Bob Smith" termination (typically 75Ω resistors and a high-voltage capacitor). * **Effect:** Matches impedance to reduce signal reflections and dissipates common-mode energy to ground. --- ## 3. Physical & Mechanical Features 1. **Shielding:** The outer metal casing is grounded to the PCB to prevent external noise from interfering with the data pairs. 2. **Gold Plating:** The contact pins (usually 8 or 10 pins) are gold-plated to ensure long-term conductivity and prevent corrosion. 3. **LED Indicators:** The integrated LEDs are powered by the host system to indicate "Link" status and "Activity" (Data transfer). --- ## 4. Typical Application Circuit When designing a PCB for this part, the internal schematic usually looks like this: ```text [RJ45 Side] <--> [Common Mode Choke] <--> [Isolation Transformer] <--> [PHY Side Pins] | [Termination Network] | [Chassis GND] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the M2AS1-5442-R?
    • ⤷ Which Ethernet PHY chips are most compatible with this connector?
    • ⤷ What are the specific LED colors and voltage requirements for this model?