M2AS1-6132-R2
AI

The **M2AS1-6132-R2** is a high-performance, single-port **10/100/1000 Base-T (Gigabit Ethernet) RJ45 Connector Module** with integrated magnetics. This component is commonly used in networking hardware to bridge the physical cable and the Ethernet PHY chip.
---
### 1. Key Technical Specifications
Below are the primary electronic characteristics of the module:
| Parameter | Specification |
| :--- | :--- |
| **Type** | RJ45 with Internal Magnetics |
| **Speed** | 10/100/1000 Mbps (Gigabit) |
| **Configuration** | Single Port (1x1) |
| **Turns Ratio** | 1CT:1CT (Transmitter and Receiver) |
| **Isolation Voltage** | 1500 Vrms (Minimum) |
| **LED Colors** | Typically Green (Left) / Yellow (Right) |
| **Shielding** | Metal Housing with EMI Tabs |
---
### 2. Internal Electronic Components
The "R2" designation often refers to the internal circuitry layout. Inside the metal housing, there are several critical electronic parts:
* **Isolation Transformers:** These provide galvanic isolation between the network cable and the PCB. They protect the device from high-voltage surges and ground loops.
* **Common Mode Chokes (CMC):** Integrated coils that suppress Electromagnetic Interference (EMI) and noise without affecting the data signal.
* **Termination Resistors (Bob Smith Termination):** A network of resistors and high-voltage capacitors (usually 75Ω and 1000pF) designed to reduce common-mode noise and match impedance.
* **Integrated LEDs:** Built-in diodes used for link status and activity indication, simplifying the PCB layout.
---
### 3. Pinout and Design Features
The M2AS1 series is designed for **Tab-Up** or **Tab-Down** mounting (refer to the specific datasheet for orientation) and features a compact footprint.
#### Signal Integrity Features:
1. **30μ" or 50μ" Gold Plating:** Ensures low contact resistance and prevents oxidation over time.
2. **EMI Finger Tabs:** The metal shield features spring-like tabs that make contact with the chassis/enclosure to provide a path to ground for interference.
3. **Low Insertion Loss:** Optimized for minimal signal degradation over the standard 100-meter Ethernet cable length.
---
### 4. Typical Applications
* **Network Interface Cards (NICs)**
* **Industrial PC Motherboards**
* **Switches and Routers**
* **Embedded Systems (IoT Gateways)**
---
- ⤷
What is the pinout configuration for the M2AS1-6132-R2?
- ⤷ Is this component compatible with Power over Ethernet (PoE)?
- ⤷ What are the mechanical dimensions for PCB footprint planning?