Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2AS1-6211-R2

  • AI
    The **M2AS1-6211-R2** is a specialized electronic component, typically identified as an **Industrial SFP (Small Form-factor Pluggable) Optical Transceiver Module**. These modules are critical in networking hardware to convert electrical signals into optical signals for fiber optic communication. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The "M2" series often refers to specific industrial-grade standards, designed for durability in harsh environments. | Feature | Specification | | :--- | :--- | | **Form Factor** | SFP (Small Form-factor Pluggable) | | **Data Rate** | Typically 1.25 Gbps (Gigabit Ethernet) | | **Wavelength** | 1310 nm (Standard for Single-Mode) | | **Connector Type** | Duplex LC | | **Distance Support** | Up to 10km - 20km (Standard reach) | | **Fiber Type** | Single-Mode Fiber (SMF) | ### 2. Key Electronic Components The internal architecture of the M2AS1-6211-R2 consists of several high-precision sub-assemblies: * **TOSA (Transmitter Optical Sub-Assembly):** * Contains a **Laser Diode** (usually a Fabry-Perot or DFB laser). * Converts the electrical data stream from the host switch into light pulses. * **ROSA (Receiver Optical Sub-Assembly):** * Contains a **Photodiode** (PIN) and a **Transimpedance Amplifier (TIA)**. * Captures incoming light and converts it back into an electrical current. * **LD Driver (Laser Diode Driver):** * An integrated circuit that provides the necessary bias and modulation current to the laser. * **EEPROM:** * Stores ID information, serial numbers, and vendor data. This allows the host device (like a Cisco or Juniper switch) to recognize the module. ### 3. Electronic Features * **DDM/DOM Support:** Most "R2" revisions include **Digital Diagnostic Monitoring**. This allows the network administrator to monitor real-time parameters such as: * Supply Voltage. * Laser Bias Current. * Optical Output Power. * Optical Input Power (Receiver sensitivity). * Internal Temperature. * **Hot-Swappable:** The electrical interface allows the module to be plugged in or removed while the system is powered on without causing an electrical short or data corruption. * **Differential Signaling:** Uses high-speed differential pairs for data input/output to reduce electromagnetic interference (EMI). ### 4. Environmental & Electrical Ratings | Parameter | Value | | :--- | :--- | | **Supply Voltage** | 3.3V (Standard) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Power Consumption** | < 1.0W | --- ### Summary of Use Case The **M2AS1-6211-R2** is predominantly used in industrial Ethernet switches, media converters, and routers located in environments where standard commercial-grade electronics might fail due to extreme temperatures or vibration.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Single-Mode and Multi-Mode fiber for this module?
    • ⤷ How do I interpret DDM/DOM alarms in a network switch?
    • ⤷ Is this module compatible with Cisco or Juniper hardware specifically?