M2AS1-6311-R
AI

### M2AS1-6311-R Product Overview
The **M2AS1-6311-R** is a specific part number belonging to the **M2 series** of high-speed, high-density mezzanine connectors, typically manufactured by companies like **Amphenol (specifically Amphenol ICC/FCI)** or similar high-end interconnect providers. These connectors are primarily designed for mezzanine applications (stacking two PCBs together).
---
### Technical Specifications
The following table outlines the general electronic and physical characteristics of the M2AS1 series:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | Mezzanine Plug / Receptacle |
| **Number of Positions** | Variable (often high-density, e.g., 60-400 pins) |
| **Pitch** | 0.5mm to 1.0mm (typical for M2 series) |
| **Data Rate Capability** | Up to 10-28 Gbps (application dependent) |
| **Mounting Type** | Surface Mount (SMT) |
| **Termination** | Solder Ball / Lead-free (RoHS Compliant) |
| **Plating** | Gold (Au) on contact area, Tin (Sn) on tails |
---
### Key Electronic Components & Design
#### 1. Contact Design
The internal pins are engineered for **Signal Integrity (SI)**. The "R" in the suffix usually denotes "Receptacle" or a specific "RoHS" compliance status. The contacts are designed to minimize crosstalk and impedance mismatching at high frequencies.
#### 2. Housing Material
* **LCP (Liquid Crystal Polymer):** The plastic body is made of high-temperature LCP to withstand lead-free reflow soldering temperatures (up to 260°C).
* **Dielectric Constant:** Optimized to maintain stable performance in high-speed data transmission.
#### 3. Solder Interface
The M2 series often utilizes **BGA (Ball Grid Array)** or **LGA (Land Grid Array)** styles for attachment. This provides a very low-profile connection between boards, which is critical for compact electronics like blade servers or mobile networking equipment.
---
### Typical Applications
These parts are integrated into high-performance electronic systems:
* **Networking:** Switches and routers requiring high bandwidth between daughterboards.
* **Computing:** High-end servers and storage arrays.
* **Industrial:** High-speed data acquisition systems.
* **Telecommunications:** 5G infrastructure equipment.
---
### Part Number Breakdown (General)
While specific to the manufacturer, the code usually follows this logic:
* **M2:** Series identifier (Mezzanine 2nd Gen).
* **AS1:** Application specific or Mounting orientation (e.g., Straight).
* **6311:** Pin count or Stack height configuration.
* **R:** Receptacle or RoHS compliant version.
---
- ⤷
What is the exact stack height for the 6311 configuration?
- ⤷ Is this connector compatible with PCIe Gen 4 or Gen 5 signaling?
- ⤷ What are the recommended footprint dimensions for the PCB layout?