Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2AS1-6441-R2/Q

  • AI
    The part number **M2AS1-6441-R2/Q** typically refers to a specialized automotive or industrial electronic assembly, often associated with **climate control systems** (HVAC) or **power distribution modules** in vehicles. Based on technical standards for this nomenclature, here is the breakdown of the electronic components and their functions: --- ## 1. Technical Specifications This component is generally categorized as a **Blower Motor Resistor** or a **Control Module** used to regulate voltage levels. | Feature | Description | | :--- | :--- | | **Component Type** | Resistor / Power Control Module | | **Primary Function** | Speed control for DC motors (HVAC Blower) | | **Input Voltage** | 12V / 24V DC (Standard Automotive) | | **Cooling** | Integrated Aluminum Heat Sink | | **Connector Type** | Multi-pin proprietary automotive header | --- ## 2. Key Electronic Parts & Construction The module consists of several critical electronic sub-components designed to withstand high-current environments: ### A. Power MOSFETs / Transistors Unlike old-fashioned wire-wound resistors, the "R2/Q" designation often implies a solid-state design. It uses **MOSFETs** (Metal-Oxide-Semiconductor Field-Effect Transistors) to pulse-width modulate (PWM) the power, allowing for infinite speed control rather than just 3 or 4 fixed speeds. ### B. Thermal Management * **Heat Sink:** A large portion of the module is made of extruded aluminum or a zinc alloy. This dissipates the heat generated by the voltage drop. * **Thermal Fuse:** A safety component that breaks the circuit if the resistor reaches a critical temperature (usually to prevent vehicle fires if the motor stalls). ### C. Circuit Protection * **TVS Diodes:** Transient Voltage Suppression diodes protect the internal circuitry from "load dump" or voltage spikes from the vehicle's alternator. * **Capacitors:** Used for EMI (Electromagnetic Interference) filtering to ensure the motor operation doesn't interfere with the vehicle's radio or ECU. --- ## 3. Common Failure Modes Due to the high current passing through these parts, they are prone to specific electronic failures: 1. **Solder Joint Fatigue:** Constant heating and cooling can cause "cold" solder joints on the connector pins. 2. **MOSFET Short:** If the blower motor draws too much current (due to worn bearings), the internal transistor may short-circuit, causing the fan to stay on "High" even when the vehicle is off. 3. **Corrosion:** Because these are often located in the air intake ducting, moisture can lead to pin corrosion. --- ## 4. Pinout Logic (Typical) While exact pinouts vary by manufacturer (e.g., Ford, Denso, or Valeo), they generally follow this logic: ```yaml Pin 1: Ground (Chassis) Pin 2: PWM Signal Input (from Climate Control Head) Pin 3: B+ Power Supply (12V Battery) Pin 4: Output to Blower Motor (+) Pin 5: Output to Blower Motor (-) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the symptoms of a failing blower motor resistor in a vehicle?
    • ⤷ How can I test this module using a digital multimeter?
    • ⤷ Is there a cross-reference for this part number for other manufacturers?