Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2AS1-A221-R/N

  • AI
    The **M2AS1-A221-R/N** is a specific part number typically associated with **Industrial Selection Switches** (often from manufacturers like Tend or similar industrial control brands). These components are critical for human-machine interface (HMI) in control panels. Below is a detailed breakdown of its electronic and mechanical specifications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Component Type** | Illuminated Selector Switch | | **Mounting Diameter** | 22mm (Standard Industrial Size) | | **Action Type** | Stay-put / Maintained (2-Position) | | **Contact Configuration** | 1NO + 1NC (Normally Open + Normally Closed) | | **Illumination Voltage** | 110V - 220V AC/DC (typical for 'A22' series) | | **Color** | Red (indicated by the 'R' suffix) | | **Current Rating** | 10A (Thermal Current $I_{th}$) | | **Insulation Resistance** | > 100 MΩ | --- ### 2. Functional Breakdown #### A. The Contact Block The "electronic" logic of this device is handled by the contact blocks attached to the back of the actuator. * **NO (Normally Open):** Completes the circuit when the switch is turned. * **NC (Normally Closed):** Breaks the circuit when the switch is turned. * The blocks are usually modular, meaning they can be stacked or replaced if the contacts burn out due to arcing. #### B. Illumination (The "R/N" Suffix) * **LED/Lamp:** The switch contains an internal LED or Neon bulb (indicated by the 'N'). This provides visual feedback to the operator that a specific process is active. * **Voltage Regulation:** The internal circuitry often includes a small resistor or transformer to step down the line voltage to a level safe for the internal LED. #### C. Actuator Mechanism * **2-Position:** Usually toggles between 90 degrees (e.g., "Off" at 12 o'clock and "On" at 3 o'clock). * **Maintained:** Unlike a momentary switch (which springs back), this stays in the position to which it is turned. --- ### 3. Connection Diagram (Simplified) To integrate this into a system, the wiring generally follows this logic: ```mermaid graph LR Power_In -->|L1| Terminal_1[Contact Block NC] Power_In -->|L1| Terminal_3[Contact Block NO] Terminal_2 -->|Load 1| Device_Off Terminal_4 -->|Load 2| Device_On Light_Terminals -->|N/L2| Common_Neutral ``` ### 4. Application Environments Due to its rugged design, the M2AS1-A221-R/N is commonly found in: * **Motor Control Centers (MCCs):** To select between Manual and Auto modes. * **Safety Panels:** To enable or disable specific safety protocols. * **CNC Machinery:** For power-on cycles or coolant control. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between 'Maintained' and 'Momentary' action for this switch series?
    • ⤷ Can the contact blocks be expanded to 2NO or 2NC on this specific model?
    • ⤷ What is the IP rating for the M2AS1 series regarding dust and water protection?