Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2AS1-A243-R

  • AI
    The **M2AS1-A243-R** is a specific model of an **Electromechanical Power Relay**, typically manufactured by brands like CIT Relay & Switch. It is designed for high-current applications, common in automotive and industrial control systems. --- ### 1. General Specifications Below is a breakdown of the technical characteristics typically associated with this part number: | Feature | Specification | | :--- | :--- | | **Relay Type** | Automotive / Power Relay | | **Coil Voltage** | 24V DC | | **Contact Form** | SPDT (1 Form C) - Single Pole Double Throw | | **Max Switching Current** | 30A (Normally Open) / 20A (Normally Closed) | | **Termination Style** | PC Pin (Through-hole mounting) | | **Sealing** | Sealed (Washable) | --- ### 2. Detailed Electronic Components #### A. The Coil (Actuator) The "A24" in the part number signifies a **24V DC nominal coil**. * **Power Consumption:** Typically around 1.6W. * **Function:** When voltage is applied, the coil creates a magnetic field that moves the internal armature to switch the contacts. #### B. The Contact System The device uses a **1 Form C** configuration, meaning it has three contact terminals: 1. **Common (COM):** The moving element. 2. **Normally Closed (NC):** Connected to COM when the relay is off. 3. **Normally Open (NO):** Connects to COM only when the coil is energized. #### C. Material Composition * **Contact Material:** Usually **AgSnO₂** (Silver Tin Oxide). This material is chosen for its excellent resistance to "weld" or stick under high inrush currents (like motors or lamps). * **Housing:** High-temperature plastic capable of withstanding wave soldering temperatures. --- ### 3. Part Number Decoder (M2AS1-A243-R) | Segment | Meaning | | :--- | :--- | | **M2** | Series designation (Miniature Power Relay) | | **A** | Contact Form (A = 1 Form A; however, 'S1' often implies 1 Form C variations) | | **S** | Sealing (S = Sealed) | | **1** | Contact Material (1 = AgSnO₂) | | **A24** | Coil Voltage (24 Volts DC) | | **3** | Coil Power / Sensitivity | | **-R** | RoHS Compliant | --- ### 4. Typical Applications * **Heavy Duty Vehicles:** Used in 24V systems (trucks, buses) for lighting, heaters, and fans. * **Industrial Automation:** Actuating small motors or high-wattage solenoids. * **UPS Systems:** Switching power paths in backup power supplies.
    ✨ Follow-up Questions
    • ⤷ What are the specific pin dimensions for the PC board layout?
    • ⤷ Can this relay be used in a 12V system if the coil is replaced?
    • ⤷ What is the maximum operating temperature for the M2AS1 series?