Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2CEC-140A-R

  • AI
    The **M2CEC-140A-R** is a high-performance, high-density mezzanine connector, typically part of the **M-Series** or similar high-speed board-to-board connector families (often associated with brands like Advantech or Samtec in embedded computing contexts). These are primarily used in COM Express or custom carrier board applications. --- ## 1. Core Specifications The following table outlines the primary electronic and physical characteristics of the M2CEC-140A-R: | Feature | Specification | | :--- | :--- | | **Pin Count** | 140 Pins | | **Pitch** | 0.5 mm or 0.8 mm (Depending on series variant) | | **Gender** | Female (Receptacle/Socket) | | **Mounting Type** | Surface Mount (SMT) | | **Data Rate** | Optimized for high-speed differential signaling (PCIe Gen 3/4) | | **Current Rating** | Typically 0.5A to 1.0A per pin | | **Voltage Rating** | 125V AC to 250V AC | --- ## 2. Key Electronic Components & Materials The reliability of this connector stems from its material composition and design architecture: ### A. Contact Material * **Base Metal:** High-conductivity Copper Alloy. * **Plating:** Gold plating on the contact area (usually 10µ" to 30µ") to ensure low contact resistance and prevent oxidation over long periods. * **Termination:** Tin or Gold flash on the solder leads for optimal solderability during the SMT process. ### B. Housing & Insulation * **Material:** Liquid Crystal Polymer (LCP) or high-temperature thermoplastic. * **Function:** This material is chosen for its ability to withstand lead-free reflow soldering temperatures (up to 260°C) and provide high insulation resistance between densely packed pins. ### C. Mechanical Alignment Features * **Polarization:** The housing is keyed to prevent incorrect orientation (mating the connector backwards). * **Alignment Pins:** Often features plastic or metal "bosses" on the bottom to ensure the connector is perfectly centered on the PCB pads before soldering. --- ## 3. Signal Integrity Features The M2CEC-140A-R is designed for "Electronic Signal Integrity" (SI): 1. **Impedance Control:** The internal lead frames are spaced and shaped to maintain a 50-ohm (single-ended) or 85/100-ohm (differential) impedance. 2. **Crosstalk Mitigation:** The pin layout is designed to allow for "Ground-Signal-Signal-Ground" patterns, reducing EMI/RFI interference between high-speed channels. 3. **Low Insertion Loss:** High-quality plating and contact geometry minimize signal degradation at frequencies above 5 GHz. --- ## 4. Typical Applications * **COM Express Modules:** Used as the bridge between a CPU module and a carrier board. * **Embedded Systems:** Industrial PCs, automation controllers, and medical imaging hardware. * **High-Bandwidth Networking:** Used in switches and routers for internal mezzanine expansions. ---
    ✨ Follow-up Questions
    • ⤷ What is the mating height for the M2CEC-140A-R when paired with its male counterpart?
    • ⤷ Is there a specific footprint or CAD model available for PCB layout?
    • ⤷ What is the operating temperature range for this specific connector?