Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2D2-24-R/N

  • AI
    The **M2D2-24-R/N** is a specific model of an **Industrial Interface Module** (typically a slim relay or isolation module) used in automation and control systems. Its primary function is to act as an intermediary between a low-power control signal (like a PLC output) and a high-power load. --- ### 🛠️ Technical Specifications & Breakdown The alphanumeric code represents specific electrical characteristics: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Input Voltage** | 24V DC | Designed for standard industrial control logic. | | **Output Type** | Relay (Electromechanical) | Indicated by the **"R"** in the suffix. | | **Polarity** | NPN / Universal | Indicated by the **"N"**; usually means negative common or specific wiring logic. | | **Channels** | 2 Channels | The "D2" often signifies a double-channel or 2-pole configuration. | | **Mounting** | DIN Rail | Standard 35mm rail mounting for industrial cabinets. | --- ### ⚡ Key Electronic Components 1. **Electromagnetic Relay:** The core switching element. It provides **Galvanic Isolation**, ensuring that electrical faults on the load side do not damage the sensitive PLC/Controller on the input side. 2. **Flyback Diode (Freewheeling Diode):** Placed across the relay coil to dissipate the voltage spike (back EMF) generated when the coil is de-energized. 3. **LED Status Indicator:** A small surface-mount LED that illuminates when the input signal is active, allowing for quick visual troubleshooting. 4. **Varistor/Snubber (Optional):** Some models include internal surge protection to handle inductive loads and prevent contact welding. --- ### 🔌 Typical Wiring Diagram Logic The module separates the **Control Side** from the **Load Side**: ```text CONTROL SIDE (Input) LOAD SIDE (Output) [ Terminal + ] <--- 24V DC [ Common ] <--- Power Source [ Terminal - ] <--- 0V (NPN) [ Normally Open ] <--- To Load ``` ### 📋 Applications * **Signal Amplification:** Using a 100mA PLC signal to switch a 5A motor starter. * **Voltage Conversion:** Controlling a 230V AC light using a 24V DC sensor signal. * **Safety Isolation:** Protecting expensive CPUs from high-voltage surges in the field. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching current for the M2D2-24-R/N contacts?
    • ⤷ How do I wire this module for an NPN vs PNP configuration?
    • ⤷ What are the advantages of using a slim relay module over a traditional power relay?