M2MS-B-R2/Q
AI

The **M2MS-B-R2/Q** is a specific industrial-grade signal conditioner or transducer, typically associated with the **M-System** (now MG CO., LTD) M2 Series. These devices are designed to convert or isolate various analog signals in automation and process control environments.
### 1. Model Breakdown (Nomenclature)
The suffix and model codes for the M2 Series generally follow this logic:
| Code Segment | Meaning | Specification Details |
| :--- | :--- | :--- |
| **M2MS** | Base Model | Mini-M Series Signal Transmitter / Isolator |
| **-B** | Input Type | 4 – 20 mA DC (Standard current input) |
| **-R2** | Power Input | 100 – 240 V AC (Wide range power supply) |
| **/Q** | Option | Custom/Special specification (requires checking the manual) |
---
### 2. Key Electronic Specifications
The internal electronics are designed for high precision and electrical isolation.
* **Isolation Structure:** 3-way isolation (Input to Output to Power). This prevents ground loops and protects sensitive control equipment from surges.
* **Input Impedance:** For the "B" (4-20mA) model, the internal shunt resistor is typically **250 Ω**.
* **Output Signal:** Usually provides a standard 4–20 mA or 1–5 V DC output (depending on the secondary code).
* **Response Time:** Typically **≤ 0.5 seconds** (0 to 90%).
* **Accuracy:** Within **±0.1%** of the span.
---
### 3. Physical & Connection Parts
The unit is a plug-in type, allowing for easy maintenance without disconnecting wires from the base.
1. **Terminal Block (Base):** Screw terminals for wiring power, input, and output.
2. **DIN Rail Socket:** The unit snaps into a standard 35mm DIN rail.
3. **Front Indicators:** Usually features a **Power LED** (Green) to indicate operational status.
4. **Zero/Span Adjustments:** Potentiometers located behind the front cover for fine-tuning the calibration.
---
### 4. Meaning of the "/Q" Suffix
In M-System products, the **/Q** suffix indicates a "Special Specification." The exact nature of the change is documented on a separate sheet provided with the unit, but it often refers to:
* **Conformal Coating:** Protection against moisture and dust (Suffix: /C).
* **Fast Response:** Specialized circuit timing.
* **Custom Calibration:** Pre-set to specific non-standard ranges.
* **Specific Labeling:** Tag numbers etched or printed as per customer requirement.
---
### 5. Wiring Diagram Overview
Standard wiring for the R2 (AC power) version:
| Terminal | Function |
| :--- | :--- |
| **1 & 2** | Output (+) and (-) |
| **4 & 5** | Input (+) and (-) |
| **7 & 8** | Power Supply (L & N) |
- ⤷
What is the exact input/output signal range for your specific unit?
- ⤷ Do you need the calibration procedure for the Zero and Span pots?
- ⤷ Are you looking for a replacement or a datasheet for a new installation?