Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2PA-12-R2

  • AI
    The **M2PA-12-R2** is a specific model within the **M2PA series** of miniature power relays, typically manufactured by companies like **Omron** (specifically part of their G2R or industrial relay lineage). These components are used to bridge the gap between low-power control circuits and high-power loads. --- ### 1. Key Technical Specifications The "12" in the part number usually refers to the coil voltage, while the "R2" designates the mounting and contact configuration. | Feature | Specification (Typical) | | :--- | :--- | | **Coil Voltage** | 12V DC | | **Contact Form** | DPDT (Double Pole Double Throw) | | **Contact Material** | Silver Alloy (AgSnIn or AgNi) | | **Rated Load (Resistive)** | 5A to 10A at 250VAC / 30VDC | | **Mechanical Life** | 10,000,000 operations minimum | | **Mounting Type** | Plug-in / Socket Mount (sometimes PCB depending on base) | --- ### 2. Internal Electronic Components A relay like the M2PA-12-R2 consists of four primary internal sections: #### A. The Electromagnetic Coil The heart of the relay. When 12V DC is applied, current flows through the copper windings, creating a magnetic field. * **Safety Note:** Because it is an inductive load, it requires a **flyback diode** (snubber) in the driving circuit to prevent voltage spikes when the coil is de-energized. #### B. The Armature and Spring A movable iron piece that is attracted by the magnetic field. When power is removed, a mechanical spring pulls the armature back to its "normal" position. #### C. The Contact Set (DPDT) The M2PA-12-R2 features a **Double Pole Double Throw** configuration. * **Pole 1 & 2:** Two independent circuits can be switched simultaneously. * **NC (Normally Closed):** Connected when the relay is OFF. * **NO (Normally Open):** Connected when the relay is ON. #### D. Built-in Indicators (Model Specific) The "R" suffix often indicates a **mechanical indicator** or an **LED indicator** built into the plastic casing to show the status of the relay at a glance. --- ### 3. Application Use Cases Due to its 12V coil and high-capacity contacts, it is frequently found in: 1. **Industrial Automation:** Interfacing PLCs (Programmable Logic Controllers) with motors or solenoids. 2. **HVAC Systems:** Controlling fans or compressors. 3. **Security Systems:** Actuating sirens or electronic locks. 4. **Automotive Testing:** Bench setups requiring 12V logic to switch AC mains. --- ### 4. Circuit Symbol Representation ```text Coil Pins (12VDC) Switch Pins (DPDT) [ ( ) ] 1 ---/ --- 2 (NC) / \ | (+) (-) --- 3 (NO) 4 ---/ --- 5 (NC) | --- 6 (NO) ```
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the M2PA-12-R2 socket?
    • ⤷ How do I choose between the 12V and 24V versions of this relay?
    • ⤷ Does this relay require a specific type of mounting socket?