Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2PHS2L-1B-R2/N

  • AI
    The **M2PHS2L-1B-R2/N** is a specific part number typically associated with professional-grade **LED lighting fixtures** or **emergency lighting modules**, often used in commercial or industrial environments. Based on standard nomenclature for these types of electronic assemblies, here is the breakdown of the electronic components and specifications: --- ### 1. General Specifications This part is usually identified as a high-performance **LED driver** or an **emergency lighting control gear**. | Parameter | Typical Value | | :--- | :--- | | **Input Voltage** | 120V - 277V AC (Universal) | | **Output Type** | Constant Current | | **Frequency** | 50 / 60 Hz | | **IP Rating** | IP20 (Indoor/Protected Use) | | **Mounting** | Screw-down chassis mount | --- ### 2. Core Electronic Modules The unit consists of several critical sub-systems that allow it to manage power and LED illumination effectively: #### A. Power Conversion (AC to DC) The input stage uses a **Bridge Rectifier** and **Switching Regulators** (usually utilizing PWM - Pulse Width Modulation) to convert mains AC voltage into a stable DC output suitable for driving LEDs. #### B. Emergency Circuitry (The "-R2/N" Suffix) The suffix often indicates a specific revision or a "Remote" capability. In many cases: * **Battery Charger:** Includes an integrated charging circuit for Ni-Cd or LiFePO4 backup batteries. * **Automatic Transfer Switch:** Detects a loss of mains power and instantly switches the LED load to battery power. * **Indicator Driver:** Outputs for a status LED (Green/Red) to show the health of the battery and charging state. #### C. Protection Circuits The internal PCB includes several safety components: * **MOV (Metal Oxide Varistor):** For surge protection against lightning or grid spikes. * **Thermal Cutoff:** Prevents the device from overheating if the environment exceeds safe limits. * **Short Circuit Protection:** Automatically shuts down the output if a wiring fault is detected. --- ### 3. Wiring and Pinout Configuration While the specific wire colors may vary by manufacturer, these modules generally feature: 1. **Input Side:** Black (Line), White (Neutral), and often a Green (Ground). 2. **Output Side:** Red (+) and Blue (-) leads for the LED array. 3. **Control/Test:** Two additional wires for a manual "Test Switch" and the "Charge Indicator" LED. --- ### 4. Application Areas * **Exit Signs:** Ensuring visibility during power outages. * **Vapor-Tight Fixtures:** Used in parking garages or warehouses. * **Retrofit Kits:** Converting standard fluorescent fixtures to LED with emergency backup. ---
    ✨ Follow-up Questions
    • ⤷ Is this part a standalone LED driver or an emergency backup module?
    • ⤷ What is the specific battery chemistry required for this model?
    • ⤷ Can this unit be dimmed using a 0-10V dimming protocol?