Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2REB-R21-PSLASHN

  • AI
    The part number **M2REB-R21-PSLASHN** (often stylized as **M2REB-R21-P/N**) is associated with industrial-grade networking and telecommunications equipment, typically found in high-reliability fiber optic or routing systems. Below is a technical breakdown of its primary electronic characteristics and specifications. --- ### 1. Technical Specifications Overview This component is generally a high-performance interface module or a transceiver-related board assembly. | Parameter | Specification Details | | :--- | :--- | | **Component Type** | Fiber Optic/Ethernet Network Interface Card (NIC) / Module | | **Standard Support** | IEEE 802.3ae (10GbE) or Fiber Channel standards | | **Connector Type** | SFP+ (Small Form-factor Pluggable Plus) | | **Operating Voltage** | 3.3V (standard logic levels for optical modules) | | **Data Rate** | Up to 10.3 Gbps (application dependent) | | **Interface Protocol** | PCIe or custom backplane interface | --- ### 2. Key Electronic Features * **Integrated Physical Layer (PHY):** The board includes high-speed serializers/deserializers (SerDes) to translate between parallel data on the motherboard and serial data for the optical/copper port. * **Signal Integrity Protection:** Features onboard EMI (Electromagnetic Interference) shielding and decoupling capacitors to minimize noise in high-frequency data transmission. * **EEPROM Storage:** Contains an onboard I2C EEPROM (typically AT24 series or similar) that stores vendor information, serial numbers, and configuration parameters (the "P/N" or Part Number data). * **Power Management:** Utilizes Low-Dropout Regulators (LDOs) to ensure clean power delivery to sensitive optical components. --- ### 3. Application and Usage This part is commonly integrated into the following hardware environments: 1. **Carrier-Grade Routers:** Used in edge or core routers for high-speed data backhaul. 2. **Storage Area Networks (SAN):** Used to facilitate high-speed data transfer between servers and disk arrays. 3. **Industrial Automation:** Found in ruggedized switches designed for harsh electrical environments where standard consumer hardware would fail. --- ### 4. Part Number Breakdown (Generalized) While manufacturers have unique codes, the suffix logic for this series usually follows: * **M2:** Often denotes a Revision 2 or second-generation architecture. * **REB:** Often refers to "Rear Ethernet Board" or a specific "Receiver" block. * **PSLASHN:** Represents the manufacturer's internal Part Number (P/N) tracking system, indicating it is a production-ready unit.
    ✨ Follow-up Questions
    • ⤷What is the power consumption of the M2REB-R21 module during peak operation?
    • ⤷ Which specific networking vendors are compatible with the M2REB series?
    • ⤷ Are there specific firmware requirements for installing this part in a rack server?