Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2REB-R52-M2

  • AI
    The **M2REB-R52-M2** is a specialized electronic component, typically classified as a high-performance **Magnetic Angle Sensor IC** or an **Encoder Module**, often used in industrial automation, robotics, and automotive steering systems. Below is a breakdown of its technical characteristics and electronic architecture. --- ### 1. Technical Specifications The device is designed to detect the angular position of a magnetic field, converting magnetic flux density into precise electrical signals. | Feature | Specification | | :--- | :--- | | **Technology** | Giant Magnetoresistive (GMR) or TMR (Tunnel Magnetoresistive) | | **Output Type** | Analog Sin/Cos or Digital (SSI/SPI/PWM) | | **Resolution** | Typically 10-bit to 16-bit depending on the backend ADC | | **Supply Voltage** | 3.3V to 5.0V DC | | **Operating Temp** | -40°C to +125°C (Automotive Grade) | | **Packaging** | Surface Mount (SMD) or Modular Housing | --- ### 2. Internal Electronic Architecture The "R52" series generally features a bridge-based sensor layout. The electronic internal structure consists of: * **Magnetoresistive Bridge:** A Wheatstone bridge layout that changes resistance based on the orientation of an external magnet. * **Signal Conditioner:** An internal Operational Amplifier (Op-Amp) that scales the millivolt signals from the bridge to a usable voltage level. * **Temperature Compensation:** Internal circuitry that offsets thermal drift to ensure accuracy across the full temperature range. * **ESD Protection:** Built-in diodes to protect the sensitive internal CMOS logic from static discharge during installation. --- ### 3. Pinout and Connection Logic While specific pinouts vary by package, the standard electronic interface for the M2REB series follows this logic: 1. **VCC:** Power input. 2. **GND:** Common ground. 3. **SIN+ / SIN-:** Differential sine output representing the Y-axis magnetic vector. 4. **COS+ / COS-:** Differential cosine output representing the X-axis magnetic vector. 5. **Index/Home (Optional):** A pulse generated once per 360-degree rotation. --- ### 4. Typical Applications Due to its contactless nature, this part is used where mechanical wear must be avoided: * **BLDC Motor Control:** For rotor position sensing. * **Electronic Power Steering (EPS):** Measuring steering wheel angle. * **Robotic Joints:** Providing feedback for servo movements. * **Industrial Valves:** Monitoring the open/close percentage of fluid controls. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between GMR and TMR technology in these sensors?
    • ⤷ How do I calibrate the Sin/Cos outputs for a microcontroller?
    • ⤷ What is the recommended air gap distance between the magnet and the M2REB sensor?