Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2REB-SC1-R2/CE

  • AI
    The **M2REB-SC1-R2/CE** is a specialized industrial electronic component, typically categorized as an **Interface Module** or a **Relay Terminal Block**, often used in PLC (Programmable Logic Controller) systems to bridge the gap between control signals and field devices. --- ### 1. General Specifications This device acts as an intermediary component, designed to simplify wiring and provide electrical isolation between high-power field equipment and sensitive low-power control electronics. | Feature | Description | | :--- | :--- | | **Type** | Relay Interface Module / Terminal Board | | **Mounting** | DIN Rail Mounting (Standard 35mm) | | **I/O Points** | Typically 8 or 16 channels (model dependent) | | **Contact Type** | SPST (Single Pole Single Throw) or SPDT | | **Certification** | CE (European Conformity) | --- ### 2. Key Electronic Components The internal architecture of the module consists of several critical parts that ensure safety and signal integrity: * **Electromechanical Relays:** The core component. They provide physical isolation between the input (coil) and output (contacts), allowing a 24V DC signal to switch 250V AC loads. * **Flyback Diodes (Freewheeling Diodes):** Connected across the relay coils to suppress voltage spikes (back EMF) generated when the coil is de-energized, protecting the driving PLC output. * **LED Status Indicators:** Visual indicators for each channel to show when a specific relay is energized (On/Off state). * **Screw Terminals:** Robust connection points for field wiring, usually supporting a wide range of wire gauges (AWG). * **Varistors (MOV):** Often included on the contact side to protect the relay contacts from arcing and surge damage when switching inductive loads. --- ### 3. Application Use Cases The M2REB-SC1-R2/CE is primarily found in industrial automation environments: 1. **Signal Conversion:** Converting a PNP/NPN transistor output from a PLC into a dry contact (voltage-free) output. 2. **Current Amplification:** Using a low-current control signal to drive high-current actuators like motors, solenoids, or heaters. 3. **Isolation:** Protecting the expensive CPU of a control system from electrical noise or short circuits occurring in the field wiring. --- ### 4. Wiring Diagram Concept Below is a simplified representation of how a single channel is structured within the module: ```text [ PLC Output ] ----> [ Relay Coil (24VDC) ] ----| (Flyback Diode) | [ Field Load ] <---- [ Relay Contacts ] <-------| (Common/Power Supply) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching current for the relay contacts in this module?
    • ⤷ Does this model support NPN or PNP input logic?
    • ⤷ Are the relays on this board pluggable or soldered directly to the PCB?