Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2REB-SCB-R2/Q

  • AI
    The **M2REB-SCB-R2/Q** is a specific revision of a high-performance **Remote Expansion Board (REB)** designed primarily for industrial computing and network security appliances. It is a proprietary expansion module often found in hardware manufactured by companies like **Lanner Electronics** or similar industrial PC providers. --- ### 1. Key Technical Specifications The "SCB" in the part number typically refers to the **Smart Computing Board** architecture, while "R2/Q" denotes the revision and specific configuration (often relating to the bypass functionality or the chipset used). | Feature | Description | | :--- | :--- | | **Interface Type** | PCIe x8 or x16 (Proprietary Gold Finger/Mezzanine) | | **Controller Chip** | Usually Intel-based (e.g., Intel i350 or X500 series) | | **Port Configuration** | Typically 2 to 4 Copper or Fiber (SFP+) ports | | **Bypass Support** | Supports Gen 2 or Gen 3 Hardware Bypass | | **Form Factor** | Proprietary Mezzanine / Expansion Slot | --- ### 2. Core Electronic Components #### A. Network Interface Controller (NIC) The heart of the board is the Ethernet controller. In the R2/Q variant, this is responsible for handling high-speed data packets, offloading processing from the main CPU, and supporting virtualization features like SR-IOV. #### B. LAN Bypass Circuitry A critical electronic feature of this board is the **Bypass Switch**. - **Normal State:** Traffic flows through the NIC to the CPU for inspection. - **Bypass/Drop State:** In the event of a power failure or software crash, electromechanical relays bridge the ports together, allowing traffic to continue flowing through the network without being interrupted by the failed appliance. #### C. EEPROM / Flash Memory The board contains a small non-volatile memory chip that stores: * The MAC addresses for the ports. * The firmware for the bypass microcontroller. * Configuration settings for the PCIe interface. #### D. Power Management (VRM) Because these boards draw significant power from the motherboard's mezzanine slot, they include local **Voltage Regulator Modules (VRMs)** to step down the 12V/5V rail to the 1.0V - 1.2V required by the high-speed controller chips. --- ### 3. Application Use Cases This specific part is used in environments where "uptime" is non-negotiable: 1. **Firewalls/UTM:** To ensure the network doesn't go down if the firewall software freezes. 2. **Intrusion Prevention Systems (IPS):** High-speed packet inspection. 3. **SD-WAN Appliances:** Providing scalable modular I/O. --- ### 4. Comparison of Revision R2 vs. Previous | Feature | Revision R1 | Revision R2/Q | | :--- | :--- | :--- | | **Bypass Generation** | Gen 2 | Gen 3 (Faster switching) | | **Thermal Design** | Passive Heatsink | Optimized Airflow/Larger Fin Area | | **Signal Integrity** | Standard PCIe | Enhanced for high-frequency interference |
    ✨ Follow-up Questions
    • ⤷ What is the difference between Gen 2 and Gen 3 Bypass modes on this board?
    • ⤷ Which specific Intel controllers are compatible with the M2REB series?
    • ⤷ How is the bypass functionality programmed via the Linux kernel?