Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2REB-SD3-R2/N

  • AI
    The **M2REB-SD3-R2/N** is a specific technical configuration of a high-performance **Industrial Servo Drive**, typically part of the **M2 Series** produced by manufacturers like **Leadshine** or similar motion control specialists. These drives are designed for precision control of AC servo motors. --- ## 1. Technical Specifications The part number breakdown reveals the core electronic capabilities of the unit: | Feature | Specification | | :--- | :--- | | **Series** | M2 Series (High-performance Digital Servo) | | **Input Voltage** | Typically 220VAC (Single or Three Phase) | | **Control Mode** | Pulse/Direction, Analog, or Networked (depending on firmware) | | **Encoder Support** | Supports 17-bit or 23-bit absolute/incremental encoders | | **Current Rating** | Optimized for motors ranging from 100W to 750W (Standard SD3 frame) | --- ## 2. Key Electronic Components & Architecture The internal electronics are categorized into three main stages: ### A. Power Stage (Inverter Section) * **IPM (Intelligent Power Module):** Uses advanced IGBTs to convert DC bus voltage into a 3-phase PWM signal to drive the motor. * **Rectifier Bridge:** Converts incoming AC power to DC. * **Bus Capacitors:** Large electrolytic capacitors used to smooth voltage ripples and store energy for regenerative braking. ### B. Control Circuitry (The "Brain") * **DSP (Digital Signal Processor):** A high-speed processor that calculates PID loops for position, speed, and torque in real-time (usually sub-millisecond cycles). * **FPGA:** Often used for high-speed encoder signal processing and safety logic. * **Optocouplers:** Provides galvanic isolation between the low-voltage control signals (PLC inputs) and the high-voltage power stage. ### C. Feedback and I/O * **Encoder Interface:** Specialized circuitry to decode high-resolution serial protocols (like BISS-C or Tamagawa). * **Dynamic Braking Resistor Interface:** Internal or external terminals to dissipate heat during rapid deceleration. --- ## 3. Notable Features of the "R2/N" Revision The suffix "R2/N" usually denotes specific hardware revisions or communication protocols: 1. **Noise Immunity:** Enhanced EMI/EMC filtering on the signal inputs to prevent false triggering in industrial environments. 2. **Communication:** Standard Pulse/Direction interface, but often includes an **RS485/Modbus** port for configuration and diagnostic monitoring via PC software. 3. **Protection Circuits:** Integrated protection against over-voltage, over-current, over-heat, and encoder failure. --- ## 4. Typical Connection Diagram ```mermaid graph LR A[AC Power 220V] --> B[M2REB-SD3 Drive] C[PLC/Controller] -- Pulse/Dir --> B B -- 3-Phase PWM --> D[Servo Motor] D -- Feedback --> B ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum peak current supported by the SD3 frame size?
    • ⤷ How do I configure the electronic gear ratio for this specific drive?
    • ⤷ Does the R2/N revision support EtherCAT communication?