Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2RT-35-R

  • AI
    The **M2RT-35-R** is a high-performance **solid-state power controller (SSPC)** or power distribution module, typically manufactured by companies like **Eaton** (formerly Souriau-Sunbank). These components are engineered for aerospace, defense, and industrial applications where reliability and weight savings are critical. --- ### 1. Key Technical Specifications The "M2RT" series is designed to replace traditional electromechanical circuit breakers and relays. | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 28V DC (Nominal) | | **Current Rating** | 35 Amperes | | **Technology** | MOSFET-based Solid State | | **Mounting** | PCB Mount or Rail Integrated | | **Protection** | Short circuit, Overload, Thermal | --- ### 2. Core Electronic Components The internal architecture of the M2RT-35-R consists of several sophisticated electronic subsystems: #### A. Power Switching Element * **High-Side MOSFETs:** Instead of physical contacts, it uses N-channel MOSFETs with very low "On-resistance" ($R_{DS(on)}$) to minimize heat dissipation. * **Paralleling:** Multiple MOSFETs are often used in parallel to handle the 35A load safely. #### B. Control Logic & Sensing * **Current Shunt/Sensor:** A precision low-resistance shunt or Hall-effect sensor monitors the current flow in real-time. * **Microcontroller/ASIC:** An internal logic chip processes the current data. It follows a specific "I²t" curve (time-to-trip) to mimic or improve upon thermal circuit breaker behavior. #### C. Interface & Status Signals * **Control Input:** A low-power CMOS/TTL compatible signal allows a flight computer or PLC to turn the 35A load on or off. * **Status Output:** Provides feedback (e.g., Open, Closed, or Tripped) back to the central management system. --- ### 3. Functional Advantages 1. **Arc-Free Switching:** Since there are no moving parts, there is no electrical arcing, which extends the life of the component and prevents fire hazards in volatile environments. 2. **Smart Protection:** It can distinguish between a temporary "inrush current" (like a motor starting) and a genuine short circuit. 3. **Weight Reduction:** These modules are significantly lighter than traditional copper-heavy electromechanical boxes. 4. **Remote Reset:** Unlike a physical breaker that must be pushed manually, the M2RT-35-R can be reset via a software command. --- ### 4. Typical Applications * **UAVs and Drones:** Managing power distribution to avionics and propulsion. * **Military Vehicles:** Robust power switching in high-vibration environments. * **Satellite Systems:** High-reliability power bus management.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an SSPC like the M2RT-35-R and a standard SSR?
    • ⤷ How does the 'I²t' tripping characteristic work in solid-state controllers?
    • ⤷ Can the M2RT-35-R be used for AC power applications or is it strictly DC?