Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2RT-60-R2/N

  • AI
    The **M2RT-60-R2/N** is a specialized precision sensing component, typically classified as a **High-Precision MT (Metrol) Touch Switch**. These devices are used primarily in CNC machining centers and industrial automation to detect workpiece position or tool wear with sub-micron repeatability. --- ### 1. Technical Specifications The "electronic parts" of this switch are designed for low-voltage, high-accuracy signaling. | Feature | Specification | | :--- | :--- | | **Contact Type** | Normally Closed (NC) | | **Repeatability** | 0.001 mm (1 micron) | | **Contact Life** | 3 million operations | | **Protection Rating** | IP67 (Waterproof/Oil-proof) | | **Contact Force** | 1.0N - 1.5N (approximate) | | **Cable Type** | 2-core Oil-resistant cable | --- ### 2. Internal Electronic Components Unlike standard mechanical limit switches, the electronic architecture of the M2RT series focuses on minimizing electrical resistance and physical friction. #### A. Contact Point Material * **Composition:** Usually made of a high-grade gold or silver alloy. * **Purpose:** To prevent oxidation and ensure stable electrical conductivity at very low currents (often 10mA or less). #### B. The Switch Mechanism * **Kinematic Seat:** The internal electronics rely on a three-point kinematic seating arrangement. When the probe is touched, the electrical circuit is broken (NC logic). * **Spring System:** A precision-calibrated internal spring ensures that once the contact is released, the electronic circuit resets to the exact same position every time. #### C. Integrated LED (Optional in some R2 variants) * The **"R"** in the part number often denotes a built-in indicator. * **Function:** A small LED circuit provides visual confirmation when the switch is triggered, assisting in manual alignment and troubleshooting. --- ### 3. Wiring Diagram (Basic) Most M2RT models utilize a simple 2-wire configuration for integration into a PLC or CNC controller. ```cpp // Typical Interface Logic [ Controller (PLC) ] <---- (Brown Wire) ---- [ M2RT Switch ] [ DC 24V Power ] <---- (Blue Wire) ---- [ M2RT Switch ] // Logic: // Probe NOT touched = Circuit Closed (Signal HIGH) // Probe touched = Circuit Open (Signal LOW) ``` --- ### 4. Key Applications Because of its high precision, the electronic signals from this part are used for: 1. **Workpiece Centering:** Identifying the exact edge of a metal part. 2. **Tool Length Offsets:** Measuring if a drill or mill has worn down or broken. 3. **Position Feedback:** Ensuring a robotic arm has reached a specific coordinate.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the NC and NO versions of this switch?
    • ⤷ How do I wire this switch to a 24V PLC input?
    • ⤷ What are the mounting requirements for the M2RT-60 series?