Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2RT-6B-R2/N

  • AI
    The **M2RT-6B-R2/N** is a specific model of a **Rotary Encoder** (often associated with industrial automation brands like Autonics or similar sensing technology manufacturers). These devices are used to convert the angular position or motion of a shaft into analog or digital output signals. --- ## 1. Technical Specifications Overview The following table outlines the typical electronic and mechanical characteristics for this specific series: | Feature | Specification | | :--- | :--- | | **Type** | Incremental Rotary Encoder | | **Resolution** | 60 Pulses Per Revolution (PPR) | | **Output Phase** | A, B phases (Quadrature) | | **Power Supply** | 12-24VDC (Standard) | | **Output Type** | NPN Open Collector / Voltage Output | | **Shaft Diameter** | 6mm | | **Connection** | Radial Cable (R) | --- ## 2. Key Electronic Components ### A. Optical Sensing Module Inside the housing, an **Infrared LED** shines through a coded disk. On the other side, a **Photodetector** array receives the light. As the disk spins, the light is interrupted, creating the pulse chain. ### B. Output Circuitry (NPN Open Collector) The "N" in the suffix usually denotes an **NPN output**. * **How it works:** The encoder acts as a switch to the ground (0V). * **Requirement:** To interface this with a microcontroller (like an Arduino) or a PLC, you typically need a **pull-up resistor** connected to the positive supply voltage to "pull" the signal high when the encoder switch is open. ### C. Quadrature Signals (A & B) The device outputs two square waves offset by 90 degrees. * **Phase A:** Provides the pulse count. * **Phase B:** By comparing Phase B to Phase A, the controller determines the **direction** of rotation (Clockwise vs. Counter-Clockwise). --- ## 3. Wiring Diagram (Typical) Most encoders in this category follow a standard color-coding scheme for their internal electronics: ```yaml Brown: Positive Power Supply (VCC, 12-24V) Blue: Common/Ground (0V) Black: Output Phase A White: Output Phase B Orange: Output Phase Z (Index pulse - optional depending on exact sub-model) Shield: Earth/Ground ``` --- ## 4. Application Use-Cases 1. **Conveyor Speed Control:** Measuring the RPM of a motor to ensure constant belt speed. 2. **Length Measurement:** Attached to a wheel to measure the linear length of material (fabric, paper, etc.) passing through a machine. 3. **Positioning:** Used in basic CNC or automated assembly arms to track movement.
    ✨ Follow-up Questions
    • ⤷ How do I wire an NPN open collector output to a 5V PLC input?
    • ⤷ What is the difference between an incremental and absolute encoder?
    • ⤷ How can I calculate RPM using the 60 PPR output of this encoder?