Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2RTS-R-2C-R2

  • AI
    The **M2RTS-R-2C-R2** is a specialized electronic component, typically identified as a **Miniature Signal Relay** or a specific type of **Control Relay** used in industrial automation and PCB assembly. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. General Specifications The part number follows a specific nomenclature common in electronic switching components. | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Miniature Electromagnetic Relay | | **Contact Form** | DPDT (Double Pole Double Throw) | | **Mounting Type** | PCB Mount / Through-Hole | | **Termination Style** | Solder Pins | | **Application** | Signal switching, Logic control, Telecommunications | --- ## 2. Part Number Breakdown To understand the electronic capabilities, we look at the alphanumeric code: * **M2**: Often refers to the series or frame size (Miniature/Subminiature). * **RTS**: Indicates the specific internal construction (e.g., Sensitive or Standard coil). * **2C**: This is the most critical part, denoting **2 Form C** contacts (DPDT). This means it can switch two independent circuits simultaneously. * **R2**: Usually denotes the coil voltage rating (often 12V or 24V DC depending on the manufacturer’s datasheet) or the RoHS compliance version. --- ## 3. Internal Components & Mechanism The device consists of three primary electronic sections: ### A. The Coil (Input Side) * **Inductive Load**: The coil acts as an electromagnet. When energized, it creates a magnetic field to move the internal armature. * **Power Consumption**: These relays are designed for low power consumption, making them compatible with transistor or IC-driven circuits (e.g., using a 2N2222 transistor or ULN2003 driver). ### B. The Contacts (Output Side) * **Material**: Usually Silver-Nickel (AgNi) or Gold-clad Silver, optimized for low-contact resistance. * **Switching Capacity**: Typically rated for **2A to 5A** at 30VDC or 125VAC. * **Life Expectancy**: Mechanical life is usually >10 million operations; electrical life is >100,000 operations at rated load. ### C. Protection * **Sealing**: The "R" suffix often implies a **Resin-sealed** or "Wash-tight" construction, allowing the PCB to be cleaned after soldering without damaging the internal contacts. --- ## 4. Typical Application Circuit When integrating this part into a circuit, it is standard practice to include a **Flyback Diode** (Freewheeling Diode) to protect sensitive electronics from voltage spikes when the relay coil is de-energized. ```python # Conceptual Pinout for 2C (DPDT) # Pin 1, 8: Coil Connections # Pin 2, 3, 4: Pole 1 (Common, NO, NC) # Pin 5, 6, 7: Pole 2 (Common, NO, NC) ``` --- ## 5. Comparison Table: Advantages vs. Disadvantages | Feature | Advantage | Disadvantage | | :--- | :--- | :--- | | **Isolation** | High galvanic isolation between input and output. | Mechanical wear over time. | | **Size** | Small footprint for dense PCBs. | Limited to low-current signal switching. | | **Versatility** | Can switch both AC and DC loads. | Slower switching speed than Solid State Relays (SSR). |
    ✨ Follow-up Questions
    • ⤷ What is the exact coil voltage for the R2 variant of this relay?
    • ⤷ Does this relay require a specific footprint for PCB layout software?
    • ⤷ Can this relay be used for high-frequency RF signal switching?